Electronic Components Datasheet Search
  English  ▼

X  

SPSB081 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics SPSB081 Datasheet HTML 12Page - STMicroelectronics SPSB081 Datasheet HTML 13Page - STMicroelectronics SPSB081 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
Item
Parameter
Condition
Values
Unit
Power output pin
OUT2
HBM(2)
±4
kV
Power output pin
OUT3
HBM(2)
±4
kV
Power output pin
OUT4
HBM(2)
±4
kV
Transceiver
LIN
HBM(2)
±8
kV
Indirect ESD(3)
±8
kV
Direct ESD(4)
±6
kV
Transceiver
CAN_H
HBM(2)
±8
kV
Direct ESD(4)
±6
kV
Transceiver
CAN_L
HBM(2)
±8
kV
Direct ESD(4)
±6
kV
Pins (5)
Corner pins
CDM (values for corner pins in brackets)
±500/(±750)
V
1. HBM (human body model, 100 pF, 1.5 kW) according to AEC-Q100-002.
2. HBM with all none zapped pins grounded.
3. Indirect ESD test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘hardware requirements for LIN, CAN and flexray
interfaces in automotive applications’ (version 1.3, 2012-05-04).
4. Direct ESD test according to IEC 61000-4-2 (150 pF, 330 Ω) and ‘hardware requirements for LIN, CAN and Flexray
interfaces in automotive applications’ (version 1.3, 2012-05-04).
5. CDM (charged device model) according to AEC-Q100-011.
Table 4. Transient immunity ratings according to ISO 7637-2
Parameter Value Unit
ISO 7637-2 and IEC 62215-3 transients immunity according to
“OEM_HW_Requirements_For_CAN_LIN_FR-Interfaces_V1.3_2012” and IBEE EMC test
specifications (1) (LIN and CAN)
Pulse1
-100
V
Pulse2a
+75
V
Pulse3a
-150
V
Pulse3b
+100
V
1. ISO 7637 is a system level transient test. Different system level configurations may lead to different results.
2.3
Temperature ranges and thermal data
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
TAMB
Operating temperature (ECU environment)
-
-40
-
125
°C
F.019
TJ
Operating junction temperature
-
-40
-
175
°C
F.020
TSTG
Storage temperature
-
-55
-
150
°C
F.021
TW ON(1)
Thermal over temperature warning threshold
-
140
-
160
°C
F.022
TSD1 OFF(1)
Thermal shut-down junction temperature 1
-
165
-
185
°C
F.023
TSD2 OFF(1)
Thermal shut-down temperature
-
175
-
195
°C
F.024
TSD12HYS(1)
Thermal shut-down temperature hysteresis
-
-
5
-
°C
F.025
tfTjTW
Thermal warning/shut-down filter time
Tested by scan
24
32
43
µs
F.026
RTH JAMB(2)
Thermal resistance junction-to-ambient
-
-
38
-
°C/W
F.027
SPSB081
Temperature ranges and thermal data
DS14048 - Rev 3
page 10/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com