Electronic Components Datasheet Search
  English  ▼

X  

07R1513 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # 07R1513
Description  SELECTOR SWITCH 07R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

07R1513 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  07R1513 Datasheet HTML 1Page - Elma Electronic Ltd 07R1513 Datasheet HTML 2Page - Elma Electronic Ltd 07R1513 Datasheet HTML 3Page - Elma Electronic Ltd 07R1513 Datasheet HTML 4Page - Elma Electronic Ltd 07R1513 Datasheet HTML 5Page - Elma Electronic Ltd 07R1513 Datasheet HTML 6Page - Elma Electronic Ltd 07R1513 Datasheet HTML 7Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.elma.com
06|20
3|7
Horizontal, mit Achse, ohne Zentralbefestigung
Horizontal, Schraubendreher Frontplattenversion
Horizontal, mit Achse, mit Zentralbefestigung
Vertikal, mit Achse, ohne Zentralbefestigung
Vertikal, Schraubendreherversion
Vertikal, mit Achse, mit Zentralbefestigung
M6 x 0.75
2
1
SELECTOR SWITCH
07R
DATASHEET
View from component side of the PCB
HORIZONTAL, WITH SHAFT,
WITHOUT THREADED BUSHING
HORIZONTAL, WITH SHAFT,
WITH THREADED BUSHING
View from component side of the PCB
FRONT PANEL CUT OUT
NUT
HEX NUT (SUPPLIED)
SLOTTED NUT
Dimensions in mm
Tolerances according to DIN ISO 2768-1 (m), unless otherwise specified
VERTICAL, WITH SHAFT,
WITHOUT THREADED BUSHING
VERTICAL, WITH SHAFT,
WITH THREADED BUSHING
View from component side of the PCB
View from component side of the PCB
All h
oles Ø
0.9
All h
oles Ø
0.9
Commons (C2, C3) must be
connected together on the PCB.
Commons (C2, C3) must be
connected together on the PCB.
Commons (C2, C3) must be
connected together on the PCB.
Commons (C2, C3) must be
connected together on the PCB.
Dimensions and pin assignment
DRILLING DIAGRAM AND FOOTPRINT



Html Pages

1 2 3 4 5 6 7