Electronic Components Datasheet Search
  English  ▼

X  

ABC400-1012G Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # ABC400-1012G
Description  ABC 400 SERIES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

ABC400-1012G Datasheet(HTML) 2 Page - Elma Electronic Ltd

  ABC400-1012G Datasheet HTML 1Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 2Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 3Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 4Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 5Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 6Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 7Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 8Page - Elma Electronic Ltd ABC400-1012G Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
MODEL
INPUT VOLTAGE RANGE
OUTPUT VOLTAGE
NOM OUTPUT CURRENT
# OF OUTPUTS
OUTPUT POWER
ABC400-1012G
90 – 264 VAC
12 VDC
23 A
1
400 W
ABC400-1024G
90 – 264 VAC
24 VDC
13 A
1
400 W
ABC400-1048G
90 – 264 VAC
48 VDC
6.5 A
1
400 W
The ABC400-10XXG is a high efficiency and high power density AC to DC power supply. It incorporates interleaved transition
mode PFC converter and well proven two-FET forward converter, providing increased system reliability and high efficiency
with around 1m/s system air cooling, ABC400-1012G can delivery up to 360W continuous output power and 408W for
ABC400-1024G and ABC400-1048G.
Figure 1: ABC400-10XXG block diagram
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely affect long-term
reliability, and cause permanent damage to the supply.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
Vi maxc
Max Continuous Input
Continuous
Transient, 60 ms
264
300
VAC
VAC
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
TA
Ambient temperature
Vi min to Vi max, Io nom, ISB nom
-10
+50
°C
TAext
Extended temp range
Derated output
+50
+70
°C
TS
Storage temperature
Non-operational
-40
+85
°C
Dimensions
Width
76.2
mm
Height
38.1
mm
Depth
127.0
mm
M
Weight
0.5
kg
Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com