Electronic Components Datasheet Search
  English  ▼

X  

07R4424 Datasheet(PDF) 7 Page - Elma Electronic Ltd

Part # 07R4424
Description  SELECTOR SWITCH 07R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

07R4424 Datasheet(HTML) 7 Page - Elma Electronic Ltd

  07R4424 Datasheet HTML 1Page - Elma Electronic Ltd 07R4424 Datasheet HTML 2Page - Elma Electronic Ltd 07R4424 Datasheet HTML 3Page - Elma Electronic Ltd 07R4424 Datasheet HTML 4Page - Elma Electronic Ltd 07R4424 Datasheet HTML 5Page - Elma Electronic Ltd 07R4424 Datasheet HTML 6Page - Elma Electronic Ltd 07R4424 Datasheet HTML 7Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.elma.com
7|7
06|20
©
Copyright 2018 by Elma Electronic AG, CH-8620 Wetzikon. Subject to technical modifications, all data supplied without liability.
SELECTOR SWITCH
07R
DATASHEET
Please contact our sales team for more details.
China: +86 21 5866 5908
France: +33 388 56 72 50
Germany: +49 7231 97 34 0
Israel: +972 3 930 50 25
Singapore: +65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
United States: +1 510 656 3400
Specifications
MECHANICAL DATA
Detent angle | positions:
36° detent angle | 5 positions
Rotary limitation | end stop:
Configurable
Switching torque:
2.2 or 3.5 Ncm (±25 % in new condition)
Rotational life:
> 10'000 cycles (tested at room temperature)
Rotational stop strength:
> 45 Ncm
Fastening torque of nut (front panel mounting):
M6 x 0.75: < 100 Ncm
ELECTRICAL DATA
Electrical connection:
Pins 0.4 x 0.7 mm
Switching voltage:
< 42 VDC (resistive load)
Switching current:
< 2'000 mA (resistive load)
Contact resistance:
< 50 mΩ (in new condition)
Switching function:
1 pole, 2 to 5 positions
Switching mode:
Shorting or non-shorting
Dielectric strength:
500 VDC during 60 s (pin-to-pin, pin-to-housing)
Insulation resistance:
> 1 GΩ at 500 VDC (pin-to-pin, pin-to-housing, in new condition)
MATERIALS
Shaft:
Stainless steel 1.4305
Bushing | housing:
Zinc die casting, fiberglass reinforced high performance plastic
Contact surface:
Cu alloy (Au plated)
Soldering leads:
Cu alloy (tin plated)
Hex nut:
Brass
Slotted nut:
Brass or stainless steel
O-rings:
NBR (nitrile rubber), 70 shore A
ENVIRONMENTAL DATA
Operating temperature:
-40 to +85 °C (IEC 60068-2-14)
Storage temperature:
-40 to +85 °C (IEC 60068-2-14)
IP sealing against front panel:
IP60 without sealing
IP68 with shaft and front panel sealing (2 bar, 1 h)
Vibration:
10 GRMS at 10 to 2'000 Hz
Flammability:
UL94-HB
SOLDERING CONDITIONS
Hand soldering:
< 280 °C during 2 s
Wave soldering:
< 280 °C during 2 s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com