Electronic Components Datasheet Search
  English  ▼

X  

08-3113 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 08-3113
Description  SELECTOR SWITCH 08
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

08-3113 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  08-3113 Datasheet HTML 1Page - Elma Electronic Ltd 08-3113 Datasheet HTML 2Page - Elma Electronic Ltd 08-3113 Datasheet HTML 3Page - Elma Electronic Ltd 08-3113 Datasheet HTML 4Page - Elma Electronic Ltd 08-3113 Datasheet HTML 5Page - Elma Electronic Ltd 08-3113 Datasheet HTML 6Page - Elma Electronic Ltd 08-3113 Datasheet HTML 7Page - Elma Electronic Ltd 08-3113 Datasheet HTML 8Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.elma.com
06|20
2|8
SELECTOR SWITCH
08
DATASHEET
Dimensions and pin assignment
SWITCH DESIGN AND DRILLING DIAGRAM
SWITCH WITH 2 WAFERS
Ax = Common contact water of x
Bx = Switching contact wafer of x
* L1 1 wafer
28.25 mm ±0.3 mm
2 wafers
38.32 mm ±0.3 mm
3 wafers
48.40 mm ±0.3 mm
4 wafers
58.45 mm ±0.3 mm
per additional wafer +10.08 mm
** All further steps are in 5.08 mm pitch
Dimensions in mm
Tolerances according to DIN ISO 2768-1 (m), unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com