Electronic Components Datasheet Search
  English  ▼

X  

C08S211UT Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # C08S211UT
Description  CODED SWITCH C08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

C08S211UT Datasheet(HTML) 1 Page - Elma Electronic Ltd

  C08S211UT Datasheet HTML 1Page - Elma Electronic Ltd C08S211UT Datasheet HTML 2Page - Elma Electronic Ltd C08S211UT Datasheet HTML 3Page - Elma Electronic Ltd C08S211UT Datasheet HTML 4Page - Elma Electronic Ltd C08S211UT Datasheet HTML 5Page - Elma Electronic Ltd C08S211UT Datasheet HTML 6Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.elma.com
06|20
1|6
C08
CODED SWITCH
C08
DATASHEET
›
Gray coding 16 positions
›
Switching mode: Shorting
›
Switching torque: 2.5 Ncm
›
Body size: 9 x 9 x 10 mm
›
Lowest profile PCB to shaft center line: 4.65 mm
›
Switching cycles 20'000
›
THT horizontal
›
IP68 front panel sealing
›
Operating temperature range: -40 to +85 °C
Product description
MAIN FEATURES
MINIATURE DESIGN
PRODUCT VARIETY
■
Threaded or non threaded bushing
■
With end stop or endless rotating
■
Front panel sealing IP60 or IP68
■
Various shaft types
■
Tray or tape & reel packaging
POSSIBLE CUSTOMIZATIONS
■
Shaft dimension and shape
■
Others
TYPICAL APPLICATIONS
■
Frequency and channel selection for two way radios
■
Target aiming devices
■
Other miniaturized mobile applications
11/65/EU)


Similar Part No. - C08S211UT

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0804A GENERAL-C0804A Datasheet
73Kb / 1P
Computer Cable
C0805A GENERAL-C0805A Datasheet
73Kb / 1P
Computer Cable
logo
Kemet Corporation
C0805A100F2GAC KEMET-C0805A100F2GAC Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0805A100F2GAH KEMET-C0805A100F2GAH Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0805A100G2GAC KEMET-C0805A100G2GAC Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
More results

Similar Description - C08S211UT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDMC7902 SCHNEIDER-XCSDMC7902 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMC7912 SCHNEIDER-XCSDMC7912 Datasheet
94Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMC79010 SCHNEIDER-XCSDMC79010 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMC79110 SCHNEIDER-XCSDMC79110 Datasheet
94Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMP7902 SCHNEIDER-XCSDMP7902 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP7912 SCHNEIDER-XCSDMP7912 Datasheet
92Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP79010 SCHNEIDER-XCSDMP79010 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMR7915 SCHNEIDER-XCSDMR7915 Datasheet
93Kb / 2P
coded magnetic switch XCSDMR - 2 NC - staggered - 5m
Feb 8, 2021
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com