Electronic Components Datasheet Search
  English  ▼

X  

P2ALE Datasheet(PDF) 3 Page - nVent Electric plc

Part # P2ALE
Description  Lifting Eyes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2ALE Datasheet(HTML) 3 Page - nVent Electric plc

  P2ALE Datasheet HTML 1Page - nVent Electric plc P2ALE Datasheet HTML 2Page - nVent Electric plc P2ALE Datasheet HTML 3Page - nVent Electric plc P2ALE Datasheet HTML 4Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PROLINE G2 ExtERNaL COmPONENts Top and Cover aCCessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
3
Spec-01194 D
dRIP sHIELd
aPPLICatION
The PROLINE G2 Drip Shield is used on the inside of the door
to provide additional protection from liquid and contaminants.
The frame of the PROLINE G2 includes a flange trough collar to
protect the interior from dust and debris settling on the top of the
enclosure. The Drip Shield effectively increases the depth of the
trough, and provides additional protection for Type 3R applications.
sPECIfICatIONs
•
Provides additional protection from liquid contaminants and
debris
•
Mounted inside the door cover; directly on the top through the
M12 mounting holes.
•
Can be mounted on either the front or rear of the enclosure
(running left-to-right only).
•
All mounting hardware included
•
16 gauge mild steel
fINIsH
•
Polyester powder paint
•
RAL 7035 textured light gray standard
•
Custom colors available
Bulletin: p40
Catalog Number
Length (mm)
Length (in.)
P2ADS4
379
14.9
P2ADS6
579
22.8
P2ADS8
779
30.7
P2ADS10
979
38.5
P2ADS12
1179
46.4
P2ADS16
1579
62.2
P2ADS18
1779
70.0
dust COvER
aPPLICatION
The PROLINE G2 Dust Cover can be used across the top of joined
enclosures to provide a finished appearance. The Dust Cover is
not required to maintain a Type 12 rating. It is purely for enhanced
aesthetics.
sPECIfICatIONs
•
Provides a finished appearance across the top of the joined
enclosures
•
Not required to maintain Type 12 rating
•
16 gauge mild steel
fINIsH
•
Polyester powder paint
•
RAL 7035 textured light gray standard
•
Custom colors available
Bulletin: p40
Catalog Number
Length (mm)
Length (in.)
P2ADC4
364
14.3
P2ADC5
464
18.3
P2ADC6
564
22.2
P2ADC8
764
30.1
P2ADC10
964
38.0
WaLL BRaCkEts
The PROLINE G2 Anti-Tip Bracket Kit secures the top of an
enclosure to a fixed surface such as a wall, and protects against
enclosure tipping. The brackets are made from 10 gauge mild steel,
and are Polyester powder-painted RAL 7035 textured light gray.
The kit comes with a single pair of brackets and mounting hardware
to affix brackets to the enclosure.
The PROLINE G2 Wall Bracket Kit secures both the top and bottom
of an enclosure to a fixed surface such as a wall. The same
brackets are used in both the Anti-Tip and Wall Bracket kits. The
Wall Bracket kit comes with two pairs of brackets and mounting
hardware to affix brackets to the enclosure. The bracket kit is rated
to 800 lbs. (363 kg).
Note: mounting hardware for securing brackets to the wall is not
sold by Hoffman, and is the responsibility of the customer.
Bulletin: p40
Catalog Number
Description
P2AATB
Anti-Tip Bracket Kit
P2AWB
Wall Bracket Kit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com