Electronic Components Datasheet Search
  English  ▼

X  

P2ALB12 Datasheet(PDF) 2 Page - nVent Electric plc

Part # P2ALB12
Description  Lifting Eyes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2ALB12 Datasheet(HTML) 2 Page - nVent Electric plc

  P2ALB12 Datasheet HTML 1Page - nVent Electric plc P2ALB12 Datasheet HTML 2Page - nVent Electric plc P2ALB12 Datasheet HTML 3Page - nVent Electric plc P2ALB12 Datasheet HTML 4Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PROLINE G2 ExtERNaL COmPONENts Top and Cover aCCessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
2
Spec-01194 D
LIftING BaRs
aPPLICatION
Lifting Bars provide the best load distribution while lifting joined
enclosures, each containing up to 3000 lbs. per bay of equipment
and cabling. Bars mount to top of enclosure frame corner blocks
and do not require removal of top cover for installation. Kit consists
of two bars, bolts and washers.
fEatuREs
•
Set of two bars
•
Can be used to lift joined enclosures up to 6 bays
•
Load rating: 3000 lbs. (1360 kg) per bay
sPECIfICatIONs
•
Mounts to top of frame corner blocks
•
Does not require removal of top
•
Consists of two bars, bolts and washers
•
Designed for overhead lifting in conjunction with shackles and
spreader bars. Use of shackles instead of hooks is preferred
•
Use only spreader bars that are in compliance with regulations
established by OSHA, ASME, ISA, ASTM or other governing
agencies
•
Angle between top of enclosure and the cable or chain greater
than or equal to 45 degrees
fINIsH
Clear zinc coated steel
LOad RatING
•
Load rating: 3000 lb (1360 kg) per bay
•
Can be used to lift joined enclosures up to 6 bays
Bulletin: p40
Catalog Number
Description
P2ALB12
LIFTING BARS 1200mm SET OF 2
P2ALB14
LIFTING BARS 1400mm SET OF 2
P2ALB16
LIFTING BARS 1600mm SET OF 2
P2ALB18
LIFTING BARS 1800mm SET OF 2
P2ALB20
LIFTING BARS 2000mm SET OF 2
P2ALB22
LIFTING BARS 2200mm SET OF 2
P2ALB24
LIFTING BARS 2400mm SET OF 2
P2ALB26
LIFTING BARS 2600mm SET OF 2
P2ALB28
LIFTING BARS 2800mm SET OF 2
P2ALB30
LIFTING BARS 3000mm SET OF 2
fRamE LIftING aCCEssORIEs LOad CHaRt
Item
Load Rating* (lb/kg)
Recommended no. of Enclosures
Lifting Eyes
2000/907 (set of 4)
500/226 (per eye)
1-2
Lifting Angles
3000/1360
2-3
Lifting Bar
3000/1360
3-6
* Specified at a 45 degree lift angle
suPPORt BRaCkEt kIt
aPPLICatION
Support Brackets cross the depth of a modular enclosure and can
be used for additional support for heavy devices mounted on the
sides or tops.
fEatuREs
•
Brackets provide additional support for large air conditioners or
other heavy devices that can be mounted on PROLINE G2 sides or
tops
•
Can be positioned at various heights to accommodate any size air
conditioner or device
sPECIfICatIONs
•
Support brackets fit on the sides, top or base (along the depth) to
provide two horizontal rigid supports
•
14 gauge (1.75 mm) steel
•
Furnished in pairs
•
Installation hardware included
fINIsH
Plated
Bulletin: p40
Catalog Number
Length
mm/in.
Fits Frame Depth
mm
P2ACB4
256
10.0
400
P2ACB5
356
14.0
500
P2ACB6
456
18.0
600
P2ACB8
656
25.8
800
P2ACB10
856
33.7
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com