Electronic Components Datasheet Search
  English  ▼

X  

P2F1065 Datasheet(PDF) 7 Page - nVent Electric plc

Part # P2F1065
Description  Frames
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2F1065 Datasheet(HTML) 7 Page - nVent Electric plc

  P2F1065 Datasheet HTML 1Page - nVent Electric plc P2F1065 Datasheet HTML 2Page - nVent Electric plc P2F1065 Datasheet HTML 3Page - nVent Electric plc P2F1065 Datasheet HTML 4Page - nVent Electric plc P2F1065 Datasheet HTML 5Page - nVent Electric plc P2F1065 Datasheet HTML 6Page - nVent Electric plc P2F1065 Datasheet HTML 7Page - nVent Electric plc P2F1065 Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
MOduLaR ENcLOsuRE sOLutIONs
7
Spec-01187 D
FRaME accEssORy BRackEts
aPPLIcatION
Frame Accessory Brackets mount directly to the PROLINE G2 frame
and are used in place of rack angles to mount rack accessories
such as shelves and pull-out shelves.
sPEcIFIcatIONs
•
Furnished in sets of four
•
14-gauge (1.75 mm) steel
•
Mounting hardware included
FINIsH
Plated
Bulletin: p40
Catalog Number
Description
P2AFB19
19-in. Frame Accessory Bracket
tOucH-uP PaINt
For repairing the finish of any
painted parts.
Bulletin: DAccY, p20
Catalog Number
Description
ATPG7035
RAL 7035 Gray
ATPB9005
RAL 9005 Black
FastENER PackaGEs
PROLINE G2 Fastener Packages can be ordered if extra or alternate
fasteners are required.
P2ABVM6FP includes (10) BV-M6 fasteners (Blind, Variable M6
screw-based fastener), an innovative alternative to cage nuts or
self-tapping screws that can cause stripped holes. The fastener
combines a screw and nut in one easy-to-handle package. With
the BV-M6 there’s no need to access the back of the fastener to
tighten, and the thickness of the item being attached need not
be predefined. When the BV-M6 is tightened, the embedded nut
engages and moves up the screw thread to fasten.
P2ACNFP can be used instead of the BV-M6 fastener to mount
components directly to the rectangular holes on the frame or grid
straps.
P2ASTXFP can be used to mount components directly to the round
holes on the frame or grid straps.
Bulletin: p40
Catalog Number
Description
P2ABVM6FP
(10) BV-M6 fasteners
P2ACNFP
(20) front-loading M6 clip nuts and (20) M6 Torx head screws
P2ASTXFP
(20) self-tapping, M5 Torx head screws



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com