Electronic Components Datasheet Search
  English  ▼

X  

DST-SW-V Datasheet(PDF) 20 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 20 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 16Page - Greenlee Communications DST-SW-V Datasheet HTML 17Page - Greenlee Communications DST-SW-V Datasheet HTML 18Page - Greenlee Communications DST-SW-V Datasheet HTML 19Page - Greenlee Communications DST-SW-V Datasheet HTML 20Page - Greenlee Communications DST-SW-V Datasheet HTML 21Page - Greenlee Communications DST-SW-V Datasheet HTML 22Page - Greenlee Communications DST-SW-V Datasheet HTML 23Page - Greenlee Communications DST-SW-V Datasheet HTML 24Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
296
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
LAN Toner with HUB Blink and Detect
Tone Test Set
• The LAN Toner is designed for the network installation and maintenance
professional and can be used on any wiring system including datacom,
telecom, security/alarm, audio and CATV
• Blinks HUB, Switch Port, and PC activity lights for fast identification
• Detect LAN hubs & switches
• Provides tone signaling, continuity testing and telephone line polarity
indication combined with a modular breakout adapter
• Selectable tone outputs for identifying multiple cable runs
• Includes multiple connection options
• Our most comprehensive tone test set
• Traditional alternating tone signal for wire identification
• Audible line condition testing (level) indicates dead,
working and off-hook lines
• Line 1 and 2 polarity testing using 4-conductor modular plug
• Improved talk battery supply for communication over inactive pairs
• Tone and test functions using either modular plug or 24" alligator
clip leads
• Audible resistance level measurement
• Audible capacitance level measurement
• Battery operated (9V not included)
CAT. NO.
UPC NO.
DESCRIPTION
AT8L
60583
LAN Toner
CAT. NO.
UPC NO.
DESCRIPTION
600LS
08680
Tone Test Set
Note: Not for use on energized AC wiring
Note: Not for use on energized AC wiring
AT8L
600LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com