Electronic Components Datasheet Search
  English  ▼

X  

INA2128U Datasheet(PDF) 16 Page - Texas Instruments

Part # INA2128U
Description  INA2128 Dual, Low-Power Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2128U Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA2128U Datasheet HTML 12Page - Texas Instruments INA2128U Datasheet HTML 13Page - Texas Instruments INA2128U Datasheet HTML 14Page - Texas Instruments INA2128U Datasheet HTML 15Page - Texas Instruments INA2128U Datasheet HTML 16Page - Texas Instruments INA2128U Datasheet HTML 17Page - Texas Instruments INA2128U Datasheet HTML 18Page - Texas Instruments INA2128U Datasheet HTML 19Page - Texas Instruments INA2128U Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
7.2.7 Low-Voltage Operation
The INA2128 can be operated on power supplies as low as ±2.25 V. Performance remains excellent with power
supplies ranging from ±2.25 V to ±18 V. Most parameters vary only slightly throughout this supply voltage
range—see Section 6.6. Operation at very low supply voltage requires careful attention to make sure that
the input voltages remain within the linear range. Voltage swing requirements of internal nodes limit the input
common-mode range with low power-supply voltage. Typical performance curves, Figure 6-5 and Figure 6-6,
show the range of linear operation for ±15-V, ±5-V, and ±2.5-V supplies.
7.2.8 Input Protection
The inputs of the INA2128 are individually protected for voltages up to ±40 V. For example, a condition of –40 V
on one input and +40 V on the other input will not cause damage. Internal circuitry on each input provides low
series impedance under normal signal conditions. To provide equivalent protection, series input resistors would
contribute excessive noise. If the input is overloaded, the protection circuitry limits the input current to a safe
value of approximately 1.5 mA to 5 mA. The typical performance curve “Input Bias Current vs Common-Mode
Input Voltage” shows this input current limit behavior. The inputs are protected even if the power supplies are
disconnected or turned off.
Figure 7-4. Two-Axis Bridge Amplifier
INA2128
SBOS035B – DECEMBER 1995 – REVISED MAY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA2128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com