Electronic Components Datasheet Search
  English  ▼

X  

DST-SW-4 Datasheet(PDF) 93 Page - Greenlee Communications

Part # DST-SW-4
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-4 Datasheet(HTML) 93 Page - Greenlee Communications

Back Button DST-SW-4 Datasheet HTML 89Page - Greenlee Communications DST-SW-4 Datasheet HTML 90Page - Greenlee Communications DST-SW-4 Datasheet HTML 91Page - Greenlee Communications DST-SW-4 Datasheet HTML 92Page - Greenlee Communications DST-SW-4 Datasheet HTML 93Page - Greenlee Communications DST-SW-4 Datasheet HTML 94Page - Greenlee Communications DST-SW-4 Datasheet HTML 95Page - Greenlee Communications DST-SW-4 Datasheet HTML 96Page - Greenlee Communications DST-SW-4 Datasheet HTML 97Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
369
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
PA3560
Punchdown Tool
CAT. NO.
UPC NO.
DESCRIPTION
46020
46020
Punchdown Tool Only
46021
46021
Punchdown Tool w/66 Blade
46023
46023
Punchdown Tool w/110 Blade
46022
46022
66 Style Blade
46024
46024
110 Style Blade
46025
46025
BIX Style Blade
• Inserts wire for a corrosion-resistant termination and trims off
excess wire
• Terminates 66, 110, BIX and Krone cross-connect and wall jacks
• Spring-loaded for fast, low-effort wire seating and termination
• Internal impact mechanism eliminates jamming for longer, trouble-free
service life
• Adjustable low - and high-impact force settings
• Bayonet-style blade locking mechanism
• Neoprene pad for shock absorption
• Spare blade storage in the handle
• Color-coded yellow on the cut side of tool
46023
ProPunch™ 110 Multi-pair Punchdown
CAT. NO.
DESCRIPTION
PA3560
ProPunch 110 with 5-pair head
PA3561
ProPunch 110 with 4-pair head
PA4560
Replacement 5-pair head
PA4561
Replacement 4-pair head
PA4562
Replacement 5-pair blade cassette
PA4563
Replacement 4-pair blade cassette
Terminates and cuts up to five pairs of data/voice cable at the same time!
We designed it to perform over 30,000 cycle punches and to terminate most
23 AWG cable pairs in one punch! This tool delivers more than one and a
half times the force of other multi-punchdown tools on the market today. The
rugged “no-slip” handle fits comfortably in your hand with the handle end
contoured to the heel of your hand
• Fewer punches saves time
• Smooth operation and rugged, comfortable handle absorbs punch recoil
• Terminates 28-22 AWG (.08 - .34 mm2) solid or stranded wires with
single insulation
• Cut and punch blade cassette or switch blades for punch only
• Designed to work with 23 AWG CAT 6 cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com