Electronic Components Datasheet Search
  English  ▼

X  

INA2290 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA2290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2290 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA2290 Datasheet HTML 2Page - Texas Instruments INA2290 Datasheet HTML 3Page - Texas Instruments INA2290 Datasheet HTML 4Page - Texas Instruments INA2290 Datasheet HTML 5Page - Texas Instruments INA2290 Datasheet HTML 6Page - Texas Instruments INA2290 Datasheet HTML 7Page - Texas Instruments INA2290 Datasheet HTML 8Page - Texas Instruments INA2290 Datasheet HTML 9Page - Texas Instruments INA2290 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection ratio
VCM = 2.7 V to 120 V, TA = –40°C to +125°C
140
160
dB
f = 50 kHz
85
Vos
Offset voltage, input referred
A1 devices, INA290, INA2290
6
±25
µV
A1 devices, INA4290
6
±32
A2 devices
3
±20
A3 devices
3
±15
A4, A5 devices
2
±12
dVos/dT Offset voltage drift
TA = –40°C to +125°C
0.2
µV/
℃
PSRR
Power supply rejection ratio,
input referred
VS = 2.7 V to 20 V, TA = –40°C to +125°C
0.05
±0.5
µV/V
IB
Input bias current
IB+, VSENSE = 0 mV
10
20
30
µA
IB–, VSENSE = 0 mV
10
20
30
OUTPUT
G
Gain
A1 devices
20
V/V
A2 devices
50
A3 devices
100
A4 devices
200
A5 devices
500
Gain error
A1, A2, A3 devices,
GND + 50 mV ≤ VOUT ≤ VS – 200 mV
0.02
±0.1
%
A4, A5 devices,
GND + 50 mV ≤ VOUT ≤ VS – 200 mV
0.02
±0.15
Gain error drift
TA = –40°C to +125°C
1.5
5 ppm/°C
Nonlinearity error
0.01
%
Maximum capacitive load
No sustained oscillations, no isolation resistor
500
pF
VOLTAGE OUTPUT
Swing to VS power supply rail RLOAD = 10 kΩ, TA = –40°C to +125°C
VS – 0.07
VS – 0.2
V
Swing to ground
RLOAD = 10 kΩ, VSENSE = 0 V, TA = –40°C to
+125°C
0.005
0.025
V
FREQUENCY RESPONSE
BW
Bandwidth
A1 devices, CLOAD = 5 pF, VSENSE = 200 mV
1100
kHz
A2 devices, CLOAD = 5 pF, VSENSE = 80 mV
1100
A3 devices, CLOAD = 5 pF, VSENSE = 40 mV
900
A4 devices, CLOAD = 5 pF, VSENSE = 20 mV
850
A5 devices, CLOAD = 5 pF, VSENSE = 8 mV
800
SR
Slew rate
2
V/µs
Settling time
VOUT = 4 V ± 0.1 V step, output settles to 0.5%
9
µs
VOUT = 4 V ± 0.1 V step, output settles to 1%
5
NOISE
Ven
Voltage noise density
50
nV/√Hz
INA290, INA2290, INA4290
SBOS961C – JUNE 2020 – REVISED JUNE 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290 INA4290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com