Electronic Components Datasheet Search
  English  ▼

X  

INA302 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA302
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA302 Datasheet HTML 5Page - Texas Instruments INA302 Datasheet HTML 6Page - Texas Instruments INA302 Datasheet HTML 7Page - Texas Instruments INA302 Datasheet HTML 8Page - Texas Instruments INA302 Datasheet HTML 9Page - Texas Instruments INA302 Datasheet HTML 10Page - Texas Instruments INA302 Datasheet HTML 11Page - Texas Instruments INA302 Datasheet HTML 12Page - Texas Instruments INA302 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
35
40
-25
0
25
50
75
100
125
150
175
200
225
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
35
40
-25
0
25
50
75
100
125
150
Frequency (Hz)
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
V
S
V - 1
S
V
2
-
S
GND + 3
GND + 2
GND + 1
GND
0
2
4
6
8
10
12
14
Output Current (mA)
125ºC
25ºC
-40ºC
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
INA30xA1
INA30xA2
INA30xA3
Frequency (Hz)
-20
-10
0
10
20
30
40
50
1
10
100
1k
10k
100k
1M
10M
INA30xA1
INA30xA2
INA30xA3
9
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VREF = VS / 2, VSENSE = 0 V, VS = 5 V, VIN+ = 12 V, and ALERT1, ALERT2 pullup resistors = 10 kΩ (unless
otherwise noted)
Figure 13. Gain Error vs Temperature
Figure 14. Gain vs Frequency
Figure 15. PSRR vs Frequency
Figure 16. Output Voltage Swing vs Output Current
VS = 5 V
Figure 17. Input Bias Current vs Common-Mode Voltage
VS = 0 V
Figure 18. Input Bias Current vs Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com