Electronic Components Datasheet Search
  English  ▼

X  

INA321 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA321
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA321 Datasheet HTML 4Page - Texas Instruments INA321 Datasheet HTML 5Page - Texas Instruments INA321 Datasheet HTML 6Page - Texas Instruments INA321 Datasheet HTML 7Page - Texas Instruments INA321 Datasheet HTML 8Page - Texas Instruments INA321 Datasheet HTML 9Page - Texas Instruments INA321 Datasheet HTML 10Page - Texas Instruments INA321 Datasheet HTML 11Page - Texas Instruments INA321 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, VCM =1/2VS, RL = 25kΩ, and CL = 50pF, unless otherwise noted.
SETTLING TIME vs GAIN
1
10
100
1000
Gain (V/V)
100
90
80
70
60
50
40
30
20
10
0
Output 2V
PP
Differential
Input Drive
0.01%
0.1%
PERCENT OVERSHOOT vs LOAD CAPACITANCE
10
100
1k
10k
Load Capacitance (pF)
60
50
40
30
20
10
0
Output 100mV
PP
Differential
Input Drive
G= 5
G= 25
SHUTDOWN VOLTAGE vs SUPPLY VOLTAGE
2.3
Supply Voltage (V)
33.544.5
5
5.5
3
2.5
2
1.5
1
0.5
0
Normal Operation Mode
Part Draws Below 1
µA Quiescent Current
Operation in this Region
is not Recommended
Shutdown Mode
SHUTDOWN TRANSIENT BEHAVIOR
50
µs/div
V
SD
V
OUT
25
20
15
10
5
0
Offset Voltage (mV)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
20
18
16
14
12
10
8
6
4
2
0
Offset Voltage Drift (
µV/_C)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com