Electronic Components Datasheet Search
  English  ▼

X  

INA321EA/250 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA321EA/250
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321EA/250 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA321EA/250 Datasheet HTML 10Page - Texas Instruments INA321EA/250 Datasheet HTML 11Page - Texas Instruments INA321EA/250 Datasheet HTML 12Page - Texas Instruments INA321EA/250 Datasheet HTML 13Page - Texas Instruments INA321EA/250 Datasheet HTML 14Page - Texas Instruments INA321EA/250 Datasheet HTML 15Page - Texas Instruments INA321EA/250 Datasheet HTML 16Page - Texas Instruments INA321EA/250 Datasheet HTML 17Page - Texas Instruments INA321EA/250 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
14
APPLICATION CIRCUITS
Medical ECG Applications
Figure 9 shows the INA321 configured to serve as a
low-cost ECG amplifier, suitable for moderate accuracy
heart-rate applications such as fitness equipment. The
input signals are obtained from the left and right arms of the
patient. The common-mode voltage is set by two 2M
Ω
resistors. This potential, through a buffer, provides an
optional right leg drive. Filtering can be modified to suit
application needs by changing the capacitor value of the
output filter.
Low-Power, Single-Supply Data Acquisition
Systems
Refer to Figure 5 to see the INA321 configured to drive an
ADS7818. Functioning at frequencies of up to 500kHz, the
INA321 is ideal for low-power data acquisition.
OPA336
OPA336
OPA336
Right Arm
Left Arm
OPA336
1M
Ω
REF
1M
Ω
1M
Ω
10k
Ω
10k
Ω
Shield
Drive
390k
Ω
10k
Ω
2k
Ω
2k
Ω
1.6nF
0.1
µF
100k
Ω
100k
Ω
Shield
+5V
VR
V
R
VR =+2.5V
2M
Ω
2M
Ω
Right
Leg
V
R
INA321
5
3
2
8
7
6
4
1
V+
Shutdown
RG
V
IN−
V
−
VIN+
V
OUT PUT
100k
Ω
Figure 9. Simplified ECG Circuit for Medical Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com