Electronic Components Datasheet Search
  English  ▼

X  

INA302A2IPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA302A2IPWR Datasheet HTML 18Page - Texas Instruments INA302A2IPWR Datasheet HTML 19Page - Texas Instruments INA302A2IPWR Datasheet HTML 20Page - Texas Instruments INA302A2IPWR Datasheet HTML 21Page - Texas Instruments INA302A2IPWR Datasheet HTML 22Page - Texas Instruments INA302A2IPWR Datasheet HTML 23Page - Texas Instruments INA302A2IPWR Datasheet HTML 24Page - Texas Instruments INA302A2IPWR Datasheet HTML 25Page - Texas Instruments INA302A2IPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
VOUT
(VIN+ - VIN-) x GAIN
VLIMIT1
0 V
ALERT1
LATCH1
Latch Mode
Transparent Mode
Alert Does Not Clear
Alert Clears
t1
t2
t3
t4
t5
22
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
The latch and transparent modes are illustrated in Figure 47. As illustrated in this figure, at time t1, the current-
sense amplifier exceeds the limit threshold. During this time the LATCH1 pin is toggled with no affect to the
ALERT1 output. The state of the LATCH1 pin only matters when the output of the current-sense amplifier returns
to the normal operating region, as shown at t2. At this time the LATCH1 pin is high and the overcurrent condition
is latched on the ALERT1 output. As shown in the time interval between t2 and t3, the latch condition is cleared
when the LATCHx pin is pulled low. At time t4, the LATCH1 pin is already pulled low when the amplifier output
drops below the limit threshold for the second time. The device is set to transparent mode at this point and the
ALERT1 pin is pulled back high as soon as the output of the current-sense amplifier drops below the alert
threshold.
Figure 47. Transparent versus Latch Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com