Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 35 Page - Texas Instruments

Part # INA592
Description  INA592 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA592 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA592 Datasheet HTML 31Page - Texas Instruments INA592 Datasheet HTML 32Page - Texas Instruments INA592 Datasheet HTML 33Page - Texas Instruments INA592 Datasheet HTML 34Page - Texas Instruments INA592 Datasheet HTML 35Page - Texas Instruments INA592 Datasheet HTML 36Page - Texas Instruments INA592 Datasheet HTML 37Page - Texas Instruments INA592 Datasheet HTML 38Page - Texas Instruments INA592 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA592IDGKR
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
NIPDAUAG | SN
Level-2-260C-1 YEAR
-40 to 125
1OK6
INA592IDGKR.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
1OK6
INA592IDGKT
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
NIPDAUAG | SN
Level-2-260C-1 YEAR
-40 to 125
1OK6
INA592IDGKT.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
1OK6
INA592IDR
Active
Production
SOIC (D) | 8
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
INA592
INA592IDR.B
Active
Production
SOIC (D) | 8
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
INA592
INA592IDRCR
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
IN592
INA592IDRCR.B
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
IN592
INA592IDRCT
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
IN592
INA592IDRCT.B
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
IN592
INA592IDRCTG4
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
IN592
INA592IDRCTG4.B
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
IN592
INA592IDT
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
INA592
INA592IDT.B
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
INA592
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com