Electronic Components Datasheet Search
  English  ▼

X  

INA283AIDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA283AIDRG4
Description  INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA283AIDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA283AIDRG4 Datasheet HTML 3Page - Texas Instruments INA283AIDRG4 Datasheet HTML 4Page - Texas Instruments INA283AIDRG4 Datasheet HTML 5Page - Texas Instruments INA283AIDRG4 Datasheet HTML 6Page - Texas Instruments INA283AIDRG4 Datasheet HTML 7Page - Texas Instruments INA283AIDRG4 Datasheet HTML 8Page - Texas Instruments INA283AIDRG4 Datasheet HTML 9Page - Texas Instruments INA283AIDRG4 Datasheet HTML 10Page - Texas Instruments INA283AIDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
0
3
6
9
12
15
18
V
(V)
OUT
0.06
0.04
0.02
0
0.02
0.04
0.06
-
-
-
V
= 50mVto+50mV
-
SENSE
V+=3.5V
V+=18V
1k
100
10
1
0.1
10
100
1k
10k
100k
1M
Frequency(Hz)
150
140
130
120
110
100
90
80
70
1
10
100
1k
10k
100k
Frequency(Hz)
1k
10k
100k
1M
V
SlewRate(V/sec)
CM
0.1
0.01
0.001
0.0001
0.00001
0.000001
60
50
40
30
20
10
0
10
20
-
-
10
100
1k
10k
100k
1M
Frequency(Hz)
INA282(50V/V)
INA285(1kV/V)
INA284(500V/V)
INA283(200V/V)
INA286(100V/V)
100
1k
10k
100k
1M
Frequency(Hz)
120
110
100
90
80
70
60
50
40
30
20
INA282, INA283, INA284, INA285, INA286
www.ti.com
SBOS485C – NOVEMBER 2009 – REVISED MAY 2015
6.6 Typical Characteristics
At TA = 25°C, V+ = 5 V, V+IN = 12 V, VREF1 = VREF2 = 2.048 V referenced to GND, and VSENSE = V+IN – V–IN (unless otherwise
noted)
Figure 1. Gain vs Frequency
Figure 2. INA282 PSRR (RTI) vs Frequency
Figure 4. INA282 Common-Mode Slew Rate Induced Offset
Figure 3. INA284 Common-Mode Rejection Ratio (RTI)
Figure 5. INA286 Output Impedance vs Frequency
Figure 6. INA282 Typical Nonlinearity vs Output Voltage
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com