Electronic Components Datasheet Search
  English  ▼

X  

INA630 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA630
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA630 Datasheet(HTML) 5 Page - Texas Instruments

  INA630 Datasheet HTML 1Page - Texas Instruments INA630 Datasheet HTML 2Page - Texas Instruments INA630 Datasheet HTML 3Page - Texas Instruments INA630 Datasheet HTML 4Page - Texas Instruments INA630 Datasheet HTML 5Page - Texas Instruments INA630 Datasheet HTML 6Page - Texas Instruments INA630 Datasheet HTML 7Page - Texas Instruments INA630 Datasheet HTML 8Page - Texas Instruments INA630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT (INP, INN)
VOS
Offset voltage
RTI
–60
±350
µV
RTI, TA = –40°C to +125°C
±450
Offset voltage drift(1)
RTI, TA = –40°C to +125°C
±0.7
±2
µV/°C
PSRR
Power-supply rejection
ratio
RTI, VS = ±2.25V to ±18V
123
130
dB
CMRR
Common-mode rejection
ratio
At DC to 60Hz, RTI
VCM = (V–) + 1.75V to (V+) – 1.5V
G = 20 to 1000
126
133
dB
INPUT (INP, INN, VREF, VFB)
zid
Differential impedance
100 || 1
GΩ || pF
zic
Common-mode
impedance
100 || 7
GΩ || pF
VCM
Operating voltage
VS = ±2.25V to ±18V, TA = –40°C to +125°C
(V–) + 1.75
(V+) – 1.5
V
VDM
Differential operating
voltage
VS = ±2.25V to ±18V, TA = –40°C to +125°C
–125
125
mV
IB
Input bias current(2)
VCM = VS/2
2.5
15
nA
Input bias current drift(1)
TA = –40°C to +125°C
15
pA/
℃
IOS
Input offset current
VCM = VS/2
9
250
pA
Input offset current drift(1)
TA = –40°C to +125°C
1.5
pA/
℃
NOISE VOLTAGE
eN
Voltage noise
f = 1kHz, G = 20, 100, RS = 0Ω
36
nV/√Hz
EN
fB = 0.1Hz to 10Hz, G = 20 or 100, RS = 0Ω
0.9
µVPP
iN
Current noise
f = 1kHz
40
fA/√Hz
fB = 0.1Hz to 10Hz, G = 100
3
pAPP
GAIN
G
Gain equation
1+R2 / R1
V/V
Gain range
20
1000
V/V
GE
Gain error(1)
R1 = 1kΩ
G = 20, VO = ±2.5V
±0.03
0.15
%
G = 100, VO = ±10V
±0.05
0.15
Gain drift(1)
TA = –40°C to +125°C
G = 20
3
10
ppm/°C
G = 100
2.5
8
ppm/°C
Gain nonlinearity(1)
, RL = 10kΩ
G = 20, VO = –2.5V to 2.5V
40
ppm
G = 100, VO = –10V to 10V
1
10
ppm
OUTPUT
Output voltage swing
(V–) + 1.75
(V+) – 1.5
V
Load capacitance stability
1000
pF
ZO
Closed-loop output
impedance
f = 10kHz
100
Ω
ISC
Short-circuit current
Continuous to VS/2
±20
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3dB
G = 20
550
kHz
G = 100
100
G = 1000
10
SR
Slew rate
G = 20, VO = ±2.5V
3.5
V/µs
G = 100, VO = ±2.5V
1.5
tS
Settling time
0.01%, VSTEP = 5V
G = 20
5
µs
G = 100
15
0.001%, VSTEP = 5V
G = 20
7.5
G = 100
25
www.ti.com
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com