Electronic Components Datasheet Search
  English  ▼

X  

INA132 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA132
Description  INA592 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA132 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA132 Datasheet HTML 2Page - Texas Instruments INA132 Datasheet HTML 3Page - Texas Instruments INA132 Datasheet HTML 4Page - Texas Instruments INA132 Datasheet HTML 5Page - Texas Instruments INA132 Datasheet HTML 6Page - Texas Instruments INA132 Datasheet HTML 7Page - Texas Instruments INA132 Datasheet HTML 8Page - Texas Instruments INA132 Datasheet HTML 9Page - Texas Instruments INA132 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
7.5 Electrical Characteristics: G = 1/2 (continued)
at TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to
ground (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IQ
Quiescent current
IO = 0 mA
1.1
1.2
mA
TA = –40°C to
+125°C
1.5
mA
(1)
Includes effects of input bias and offset currents of amplifier.
(2)
Resistors are ratio matched but have ±20% absolute value.
(3)
Specified by wafer test to 95% confidence level.
7.6 Electrical Characteristics: G = 2
at TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to
ground (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE (RTO)(1)
VOS
Input offset voltage
VS = ±2.25 V to ±3 V,
VCM = –1.5 V
±28
±80
µV
VS = ±3 V to ±18 V
±28
±80
dVOS/dT
Input offset voltage
drift
±1.4
±4
µV/°C
PSRR
Power-supply
rejection ratio
±1
±5
µV/V
INPUT VOLTAGE
VCM
Common-mode
voltage
VO = 0 V
3/2[(V–)–0.1]–
0.5VREF
3/2(V+)–0.5VREF
V
CMRR
Common-mode
rejection ratio
RTO, 1.5 [(V−) – 0.1 V)]
≤ VCM ≤ 1.5 [(V+) – 3 V]
82
94
dB
TA = –40°C to
+125°C
80
84
RTO, 1.5 [(V+) – 1.5 V)]
≤ VCM ≤ 1.5 (V+)
82
94
TA = –40°C to
+125°C
65
84
INPUT IMPEDANCE(2)
zid
Differential
VO = 0 V
12
kΩ
zic
Common-mode
9
kΩ
GAIN
G
Initial
2
V/V
GE
Gain error
VO = –10 V to +10 V, VS = ±15 V
±0.01
±0.03
%
Gain drift(3)
±0.25
±0.5 ppm/°C
Gain nonlinearity
VO = –10 V to +10 V, VS = ±15 V
1
ppm
OUTPUT
VO
Output voltage
swing
Positive rail
(V+ ) – 130
(V+ ) – 180
mV
Negative rail
(V−) + 140
(V−) + 180
ISC
Short-circuit current
±65
mA
NOISE
En
Output voltage
noise
f = 0.1 Hz to 10 Hz, RTO
6
μVpp
en
Output voltage
noise density
f = 1 kHz, RTO
36
nV/√Hz
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com