Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA819
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA819 Datasheet HTML 13Page - Texas Instruments INA819 Datasheet HTML 14Page - Texas Instruments INA819 Datasheet HTML 15Page - Texas Instruments INA819 Datasheet HTML 16Page - Texas Instruments INA819 Datasheet HTML 17Page - Texas Instruments INA819 Datasheet HTML 18Page - Texas Instruments INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
An advantage of this configuration becomes evident for temperature drifts. In traditional instrumentation
amplifiers, the external resistor must match the internal monolithic resistors. Discrete resistors are available
with a ratio temperature coefficient of < 10ppm/°C to achieve excellent gain drift performance.
7.3.2 Linear Input Voltage Range
The indirect current feedback architecture in the INA630 enables a simple design procedure to verify whether
the operating input voltages of the application lie within the linear input and output voltage ranges of the INA630,
given by:
• Maximum input and output voltage is within specified range of VS+ −1.75V and VS−1.5V
• Operating differential input voltage is within specified range of VDM(MAX) = ±125mV
Figure 7-3 and Figure 7-4 show the most common operating conditions and the corresponding linear operating
ranges.
Max/Min Output Voltage (V)
-15
-10
-5
0
5
10
15
-15
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
15
MAX Operating
MAX Specified
Dual Supply VS = ±15V, G = 100, REF = GND
Figure 7-3. Input Voltage
vs Output Voltage for Dual Supply VS = ±15V
Min/Max Output Voltage (V)
0
1
2
3
4
5
0
1
2
3
4
5
MAX Specified
Single Supply VS = 5V, REF = GND
Figure 7-4. Input Voltage
vs Output Voltage for Single Supply VS = 5V
7.3.3 Input Protection
The maximum differential input voltage of the INA630 is internally limited to ±125mV. Traditionally this is
achieved with a resistor connected to back-to-back diodes. When the differential input voltage exceeds a
threshold, one of the diode starts to conduct and the resistor defines the maximum input current that can be
quite large. There is a trade-off to accept between large input current for small resistors and increased noise and
offset behavior for larger resistance.
The INA630 incorporates a JFET clamping structure provide low series resistance under normal conditions. In
the fault case when the inputs are more than the maximum differential input voltage of ±125mV, the protection
circuitry limits the input current to a value of approximately 40μA.
www.ti.com
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com