Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 29 Page - Texas Instruments

Part # INA828
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA828 Datasheet HTML 25Page - Texas Instruments INA828 Datasheet HTML 26Page - Texas Instruments INA828 Datasheet HTML 27Page - Texas Instruments INA828 Datasheet HTML 28Page - Texas Instruments INA828 Datasheet HTML 29Page - Texas Instruments INA828 Datasheet HTML 30Page - Texas Instruments INA828 Datasheet HTML 31Page - Texas Instruments INA828 Datasheet HTML 32Page - Texas Instruments INA828 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
V
= V
G + V
=
G + V
OUT V
D
REF
-
-
REF
´
´
V
IN
´
R
2
R + R
1
2
V
= V
G + V
= (I
R )
G + V
OUT I
D
REF
IN
3
-
-
REF
´
´
´
RG = 10.5 NŸ
R3 =
20
Ÿ
R2 = 4.17 NŸ
R1 = 100 NŸ
VOUT
±10 V
±20 mA
2.5 V ± 2.3 V
+VS
-VS
REF
Copyright © 2017, Texas Instruments Incorporated
15 V
REF5025
1 F
VOUT
NR
VIN
GND
1 F
1 F
15 V
-15 V
-IN
+IN
RG
RG
OUT
INA818
29
INA818
www.ti.com
SBOS894A – APRIL 2019 – REVISED JUNE 2019
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2 Typical Applications
9.2.1 Three-Pin Programmable Logic Controller (PLC)
Figure 69 shows a three-pin programmable-logic controller (PLC) design for the INA818. This PLC reference
design accepts inputs of ±10 V or ±20 mA. The output is a single-ended voltage of 2.5 V ±2.3 V (or 200 mV to
4.8 V). Many PLCs typically have these input and output ranges.
Figure 69. PLC Input (±10 V, 4 mA to 20 mA)
9.2.1.1 Design Requirements
For this application, the design requirements are as follows:
•
4-mA to 20-mA input with less than 20-Ω burden
•
±20-mA input with less than 20-Ω burden
•
±10-V input with impedance of approximately 100 kΩ
•
Maximum 4-mA to 20-mA or ±20-mA burden voltage equal to ±0.4 V
•
Output range within 0 V to 5 V
9.2.1.2 Detailed Design Procedure
There are two modes of operation for the circuit shown in Figure 69: current input and voltage input. This design
requires R1 >> R2 >> R3. Given this relationship, Equation 3 calculates the current input mode transfer function.
where
•
G represents the gain of the instrumentation amplifier
•
VD represents the differential voltage at the INA818 inputs
•
VREF is the voltage at the INA818 REF pin
•
IIN is the input current
(3)
Equation 4 shows the transfer function for the voltage input mode.
where
•
VIN is the input voltage
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com