Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA818
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA818 Datasheet(HTML) 4 Page - Texas Instruments

  INA818 Datasheet HTML 1Page - Texas Instruments INA818 Datasheet HTML 2Page - Texas Instruments INA818 Datasheet HTML 3Page - Texas Instruments INA818 Datasheet HTML 4Page - Texas Instruments INA818 Datasheet HTML 5Page - Texas Instruments INA818 Datasheet HTML 6Page - Texas Instruments INA818 Datasheet HTML 7Page - Texas Instruments INA818 Datasheet HTML 8Page - Texas Instruments INA818 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
1
±IN
8
+VS
2
RG
7
OUT
3
RG
6
REF
4
+IN
5
±VS
Not to scale
Thermal
Pad
1
±IN
8
+VS
2
RG
7
OUT
3
RG
6
REF
4
+IN
5
±VS
Not to scale
4
INA821
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
6 Pin Configuration and Functions
D and DGK Packages
8-Pin SOIC and 8-Pin VSSOP
Top View
DRG Package
8-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
1
I
Negative (inverting) input
+IN
4
O
Positive (noninverting) input
OUT
7
—
Output
RG
2, 3
I
Gain setting pin. Place a gain resistor between pin 2 and pin 3.
REF
6
—
Reference input. This pin must be driven by a low impedance source.
–VS
5
—
Negative supply
+VS
8
—
Positive supply
Thermal pad
—
—
Thermal pad internally connected to –VS. Connect externally to –VS or leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com