Electronic Components Datasheet Search
  English  ▼

X  

INA818ID Datasheet(PDF) 26 Page - Texas Instruments

Part # INA818ID
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA818ID Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA818ID Datasheet HTML 22Page - Texas Instruments INA818ID Datasheet HTML 23Page - Texas Instruments INA818ID Datasheet HTML 24Page - Texas Instruments INA818ID Datasheet HTML 25Page - Texas Instruments INA818ID Datasheet HTML 26Page - Texas Instruments INA818ID Datasheet HTML 27Page - Texas Instruments INA818ID Datasheet HTML 28Page - Texas Instruments INA818ID Datasheet HTML 29Page - Texas Instruments INA818ID Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
+
±
+
±
+
±
40 k
25 k
40 k
40 k
40 k
25 k
Overvoltage
Protection
Overvoltage
Protection
RG
REF
+VS
V-
OUT
V+
-VS
-IN
+IN
RG
RREF
RG
26
INA818
SBOS894A – APRIL 2019 – REVISED JUNE 2019
www.ti.com
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.4 Device Functional Modes
The INA818 has a single functional mode and operates when the power-supply voltage is greater than 4.5 V
(±2.25 V). The maximum power-supply voltage for the INA818 is 36 V (±18 V.)
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Reference Pin
The output voltage of the INA818 is developed with respect to the voltage on the reference pin, REF. In dual-
supply operation, REF (pin 6) is connected to the low-impedance system ground. In single-supply operation,
offsetting the output signal to a precise midsupply level is useful (for example, 2.5 V in a 5-V supply
environment). To accomplish this level shift, a voltage source must be connected to the REF pin to level-shift the
output so that the INA818 drives a single-supply ADC.
The voltage source applied to the reference pin must have a low output impedance. As shown in Figure 65, any
resistance at the reference pin (shown as RREF in Figure 65) is in series with an internal 40-kΩ resistor.
Figure 65. Parasitic Resistance Shown at the Reference Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com