Electronic Components Datasheet Search
  English  ▼

X  

INA828ID Datasheet(PDF) 26 Page - Texas Instruments

Part # INA828ID
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828ID Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA828ID Datasheet HTML 22Page - Texas Instruments INA828ID Datasheet HTML 23Page - Texas Instruments INA828ID Datasheet HTML 24Page - Texas Instruments INA828ID Datasheet HTML 25Page - Texas Instruments INA828ID Datasheet HTML 26Page - Texas Instruments INA828ID Datasheet HTML 27Page - Texas Instruments INA828ID Datasheet HTML 28Page - Texas Instruments INA828ID Datasheet HTML 29Page - Texas Instruments INA828ID Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
V
= V
G + V
=
G + V
OUT V
D
REF
-
-
REF
´
´
V
IN
´
R
2
R + R
1
2
V
= V
G + V
= (I
R )
G + V
OUT I
D
REF
IN
3
-
-
REF
´
´
´
RG = 10.5 NŸ
R3 =
20
Ÿ
R2 = 4.17 NŸ
R1 = 100 NŸ
INA828
VOUT
±10 V
±20 mA
2.5 V ± 2.3 V
+VS
-VS
REF
Copyright © 2017, Texas Instruments Incorporated
15 V
REF5025
1 F
VOUT
NR
VIN
GND
1 F
1 F
15 V
-15 V
-IN
+IN
RG
RG
OUT
26
INA828
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8.4 Typical Application
Figure 68 shows a three-terminal programmable-logic controller (PLC) design for the INA828. This PLC
reference design accepts inputs of ±10 V or ±20 mA. The output is a single-ended voltage of 2.5 V ±2.3 V (or
200 mV to 4.8 V). Many PLCs typically have these input and output ranges.
Figure 68. PLC Input (±10 V, 4 mA to 20 mA)
8.4.1 Design Requirements
For this application, the design requirements are:
•
4-mA to 20-mA input with less than 20-
Ω burden
•
±20-mA input with less than 20-
Ω burden
•
±10-V input with impedance of approximately 100 k
Ω
•
Maximum 4-mA to 20-mA or ±20-mA burden voltage equal to ±0.4 V
•
Output range within 0 V to 5 V
8.4.2 Detailed Design Procedure
There are two modes of operation for the circuit shown in Figure 68: current input and voltage input. This design
requires R1 >> R2 >> R3. Given this relationship, Equation 3 calculates the current input mode transfer function.
where
•
G represents the gain of the instrumentation amplifier
•
VD represents the differential voltage at the INA828 inputs
•
VREF is the voltage at the INA828 REF pin
•
IIN is the input current
(3)
Equation 4 shows the transfer function for the voltage input mode.
where
•
VIN is the input voltage
(4)
R1 sets the input impedance of the voltage input mode. The minimum typical input impedance is 100 kΩ. 100 kΩ
is selected for R1 because increasing the R1 value also increases noise. The value of R3 must be extremely
small compared to R1 and R2. 20 Ω for R3 is selected because that resistance value is much smaller than R1 and
yields an input voltage of ±400 mV when operated in current mode (±20 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com