Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA159
Description  INA821 35-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments INA159 Datasheet HTML 17Page - Texas Instruments INA159 Datasheet HTML 18Page - Texas Instruments INA159 Datasheet HTML 19Page - Texas Instruments INA159 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Frequency (Hz)
-40
10
100
1k
10k
100k
0.001
0.01
0.1
1
-60
-80
-100
D040
G = 1
G = 10
G = 100
Capacitive Load (pF)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
D041
D041
Positive Overshoot
Negative Overshoot
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
-60
-50
-40
-30
-20
-10
0
10
20
30
40
D038
ISC, Source
ISC, Sink
Frequency (Hz)
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
10M
D039
Vs = r15 V
Vs = r5 V
Output Current (mA)
0
2
4
6
8
10
12
14
16
14
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15
D036
±
qC
25qC
85qC
125qC
Output Current (mA)
0
2
4
6
8
10
12
14
16
-15
-14.9
-14.8
-14.7
-14.6
-14.5
-14.4
-14.3
-14.2
-14.1
-14
D037
±
qC
25qC
85qC
125qC
16
INA821
SBOS893D – AUGUST 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 37. Positive Output Voltage Swing vs Output Current
Figure 38. Negative Output Voltage Swing vs Output Current
Figure 39. Short-Circuit Current vs Temperature
Figure 40. Large-Signal Frequency Response
500-kHz measurement bandwidth
1-VRMS output voltage
100-kΩ load
Figure 41. THD+N vs Frequency
Figure 42. Overshoot vs Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com