Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA159
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA159 Datasheet HTML 21Page - Texas Instruments INA159 Datasheet HTML 22Page - Texas Instruments INA159 Datasheet HTML 23Page - Texas Instruments INA159 Datasheet HTML 24Page - Texas Instruments INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments INA159 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
10 Power Supply Recommendations
The nominal performance of the INA849 is specified with a supply voltage of ±15 V and midsupply reference
voltage. The device also operates using power supplies from ±4 V (8 V) to ±18 V (36 V) and non-midsupply
reference voltages with excellent performance. Section 7.6 shows the parameters that can vary significantly with
operating voltage and reference voltage.
11 Layout
11.1 Layout Guidelines
Use good PCB layout practices for best operational performance of the device, including:
• To avoid converting common-mode signals into differential signals and thermal electromotive forces (EMFs),
make sure that both input paths are symmetrical and well-matched for source impedance and capacitance.
• Place the external gain resistor close to the RG pins to keep the loop inductance as low as possible and
to avoid a potential parasitic coupling path, but also so that capacitance mismatch between the RG pins is
minimized.
• Noise can propagate into analog circuitry through the power pins of the circuit as a whole and of the device.
Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the analog
circuitry.
– Connect low-ESR, 0.1-µF, ceramic bypass capacitors between each supply pin and ground, placed as
close as possible to the device.
– A single bypass capacitor from V+ to ground is applicable for single-supply applications.
• To reduce parasitic coupling, run the input traces as far away as possible from the supply or output traces.
If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
• Keep traces as short as possible.
• Minimize the number of thermal junctions. Ideally, the signal path is routed within a single layer without vias.
• Keep sufficient distance from major thermal energy sources (circuits with high power dissipation). If not
possible, place the device such that it matches the thermal energy source on the differential signal path.
www.ti.com
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com