Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA819
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA819 Datasheet HTML 2Page - Texas Instruments INA819 Datasheet HTML 3Page - Texas Instruments INA819 Datasheet HTML 4Page - Texas Instruments INA819 Datasheet HTML 5Page - Texas Instruments INA819 Datasheet HTML 6Page - Texas Instruments INA819 Datasheet HTML 7Page - Texas Instruments INA819 Datasheet HTML 8Page - Texas Instruments INA819 Datasheet HTML 9Page - Texas Instruments INA819 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, connected to ground, VREF = 0 V, VCM = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE VOLTAGE
eNI
Input stage voltage noise(8)
f = 1 kHz, G = 1000,
RS = 0 Ω
1
nV/√Hz
fB = 0.1 Hz to 10 Hz, G = 1000,
RS = 0 Ω
0.06
µVPP
eNO
Output stage voltage noise(8)
f = 1 kHz, RS = 0 Ω
45
nV/√Hz
fB = 0.1 Hz to 10 Hz,
RS = 0 Ω
5
µVPP
iN
Current noise
f = 1 kHz(9)
1.1
pA/√Hz
fB = 0.1 Hz to 10 Hz
100
pAPP
GAIN
G
Gain equation
1 + (6 kΩ / RG)
V/V
Gain
1
10000
V/V
GE
Gain error
(7)
G = 1, VO = ±10 V
±0.005
±0.025
%
G = 10, VO = ±10 V
±0.025
±0.1
G = 100, VO = ±10 V
±0.025
±0.1
G = 1000, VO = ±10 V
±0.05
Gain error drift(5)
G = 1, TA = –40°C to +125°C
±5
ppm/°C
G > 1, TA = –40°C to +125°C
±35
Gain nonlinearity
G = 1, VO = –10 V to +10 V
3
ppm
G = 10
(6), VO = –10 V to +10 V
10
THD
Total harmonic distortion
f = 1 kHz, VO = 10 VPP
127
dBc
HD2
Second-order harmonic distortion
f = 1 kHz, VO = 10 VPP
127
dBc
HD3
Third-order harmonic distortion
f = 1 kHz, VO = 10 VPP
157
dBc
THD
Total harmonic distortion
f = 10 kHz, VO = 10 VPP
119
dBc
HD2
Second-order harmonic distortion
f = 10 kHz, VO = 10 VPP
130
dBc
HD3
Third-order harmonic distortion
f = 10 kHz, VO = 10 VPP
120
dBc
OUTPUT
Voltage swing
RL = 10 kΩ
(V–) + 0.15
(V+) – 0.15
V
Load capacitance stability
200
pF
ZO
Closed-loop output impedance
f = 1 MHz
1.5
Ω
ISC
Short-circuit current
Continuous to VS / 2
±34
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 1
28
MHz
G = 10
13
G = 100
8
G = 1000
1.25
SR
Slew rate
G = 1, VSTEP = 10 V
35
V/µs
tS
Settling time
0.01%, G = 1 to 100,
VSTEP = 10 V
0.4
µs
0.01%, G = 1000,
VSTEP = 10 V
0.4
0.001%, G = 1 to 100,
VSTEP = 10 V
0.6
0.001%, G = 1000,
VSTEP = 10 V
1.5
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com