Electronic Components Datasheet Search
  English  ▼

X  

INA819IDR Datasheet(PDF) 20 Page - Texas Instruments

Part # INA819IDR
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819IDR Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA819IDR Datasheet HTML 16Page - Texas Instruments INA819IDR Datasheet HTML 17Page - Texas Instruments INA819IDR Datasheet HTML 18Page - Texas Instruments INA819IDR Datasheet HTML 19Page - Texas Instruments INA819IDR Datasheet HTML 20Page - Texas Instruments INA819IDR Datasheet HTML 21Page - Texas Instruments INA819IDR Datasheet HTML 22Page - Texas Instruments INA819IDR Datasheet HTML 23Page - Texas Instruments INA819IDR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
8.3 Feature Description
8.3.1 Setting the Gain
Figure 8-1 shows that the gain of the INA819 is set by a single external resistor (RG) connected between the RG
pins (pins 1 and 8).
+
±
+
±
+
±
40 k
25 k
40 k
40 k
40 k
25 k
Overvoltage
Protection
Overvoltage
Protection
RG
REF
+VS
V-
OUT
V+
-VS
-IN
+IN
G
50 k
G
1
R
:
O
IN
IN
REF
V
G V
V
V
Copyright © 2017, Texas Instruments Incorporated
RG
RG
Figure 8-1. Simplified Diagram of the INA819 With Gain and Output Equations
The value of RG is selected according to Equation 1:
G
50 k
G
1
R
:
(1)
Table 8-1 lists several commonly used gains and resistor values. The 50-kΩ term in Equation 1 is a result of the
sum of the two internal 25-kΩ feedback resistors. These on-chip resistors are laser-trimmed to accurate absolute
values. The accuracy and temperature coefficients of these resistors are included in the gain accuracy and drift
specifications of the INA819. As shown in Figure 8-1 and explained in more details in Section 11, make sure to
connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground that are placed as
close to the device as possible.
Table 8-1. Commonly Used Gains and Resistor Values
DESIRED GAIN
RG (Ω)
NEAREST 1% RG (Ω)
1
NC
NC
2
50 k
49.9 k
5
12.5 k
12.4 k
10
5.556 k
5.49 k
20
2.632 k
2.61 k
50
1.02 k
1.02 k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com