Electronic Components Datasheet Search
  English  ▼

X  

ISO1044BDR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO1044BDR
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044BDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1044BDR Datasheet HTML 9Page - Texas Instruments ISO1044BDR Datasheet HTML 10Page - Texas Instruments ISO1044BDR Datasheet HTML 11Page - Texas Instruments ISO1044BDR Datasheet HTML 12Page - Texas Instruments ISO1044BDR Datasheet HTML 13Page - Texas Instruments ISO1044BDR Datasheet HTML 14Page - Texas Instruments ISO1044BDR Datasheet HTML 15Page - Texas Instruments ISO1044BDR Datasheet HTML 16Page - Texas Instruments ISO1044BDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
D003
Recessive
250 kbps
500 kbps
1 Mbps
2 Mbps
5 Mbps
VCC1 = VCC2 = 5V, RL = 60 Ω, CL(RXD) = 15pF
Figure 6-5. Side 1 Supply Current vs Ambient
Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
4
8
12
16
20
24
28
32
36
40
D004
Recessive
250 kbps
500 kbps
1 Mbps
2 Mbps
5 Mbps
VCC1 = VCC2 = 5V, RL = 60 Ω, CL(RXD) = 15pF
Figure 6-6. Side 2 Supply Current vs Ambient
Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
130
135
140
145
150
155
160
165
170
D005
tPROP(LOOP1)
tPROP(LOOP2)
VCC1 = VCC2 = 5V, Bus Load = 60 Ω || 100 pF, CL(RXD)
= 15pF
Figure 6-7. Loop Delay vs Ambient Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
2
2.1
2.2
2.3
2.4
D006
VCC1 = VCC2 = 5V, RL = 60 Ω
Figure 6-8. Dominant state differential output
voltage vs Ambient Temperature
VCC2 (V)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
D007
VCC1 = 5V, Temp = 25°C, RL = 60 Ω
Figure 6-9. Dominant state differential output
voltage vs Side2 supply voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D008
VIT(falling)
VIT(rising)
VHYS
VCC1 = VCC2 = 5V, TXD = Floating
Figure 6-10. Receiver differential threshold voltage
vs Ambient Temperature
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com