Electronic Components Datasheet Search
  English  ▼

X  

ISO1410 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO1410
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1410 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1410 Datasheet HTML 4Page - Texas Instruments ISO1410 Datasheet HTML 5Page - Texas Instruments ISO1410 Datasheet HTML 6Page - Texas Instruments ISO1410 Datasheet HTML 7Page - Texas Instruments ISO1410 Datasheet HTML 8Page - Texas Instruments ISO1410 Datasheet HTML 9Page - Texas Instruments ISO1410 Datasheet HTML 10Page - Texas Instruments ISO1410 Datasheet HTML 11Page - Texas Instruments ISO1410 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
7.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
VDE V 0884-11:2017- 01
Certified according to IEC
60950-1, IEC 62368-1 and
IEC 60601-1
Recognized under
UL 1577 Component
Recognition Program
Certified according to
GB4943.1-2011
Certified according to EN
61010-1:2010/A1:2019,
EN 60950-1:2006/A2:2013
and EN 62368-1:2014
Maximum transient
isolation voltage,
7071 VPK;
Maximum repetitive peak
isolation voltage,
1500 VPK;
Maximum surge isolation
voltage,
ISO141x, ISO143x,
ISO145x: 6250 VPK
(Reinforced)
ISO141xB, ISO143xB,
ISO145xB: 4600 VPK
(Basic)
CSA 60950-1-07+A1+A2,
IEC 60950-1 2nd
Ed.+A1+A2, CSA
62368-1-14, and IEC
62368-1 2nd Ed., for
pollution degree 2,
material group I
ISO141x, ISO143x,
ISO145x: 800 VRMS
reinforced isolation
ISO141xB, ISO143xB,
ISO145xB: 800 VRMS
basic isolation
----------------
CSA 60601- 1:14 and IEC
60601-1 Ed. 3.1,
ISO141x, ISO143x,
ISO145x: 2 MOPP (Means
of Patient Protection) 250
VRMS (354 VPK) maximum
working voltage
Single protection,
5000 VRMS
Reinforced insulation,
Altitude ≤ 5000 m, Tropical
Climate,
700 VRMS maximum
working voltage
EN 61010-1:2010 /
A1:2019
ISO141x, ISO143x,
ISO145x: 600 VRMS
reinforced isolation
ISO141xB, ISO143xB,
ISO145xB: 1000 VRMS
basic isolation
----------------
EN 60950-1:2006/A2:2013
and EN 62368-1:2014
ISO141x, ISO143x,
ISO145x: 800 VRMS
reinforced isolation
ISO141xB, ISO143xB,
ISO145xB: 1060 VRMS
basic isolation
Reinforced
certificate:40040142
Basic certificate:
40047657
Master contract number:
220991
File number: E181974
Certificate number:
CQC15001121716
Client ID number: 77311
7.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current
RθJA = 67.9°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 7-1
334
mA
RθJA = 67.9°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 7-1
511
RθJA = 67.9°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 7-1
669
RθJA = 67.9°C/W, VI = 1.89 V, TJ = 150°C,
TA = 25°C, see Figure 7-1
974
PS
Safety input, output, or total power
RθJA = 67.9°C/W, TJ = 150°C, TA = 25°C,
see Figure 7-2
1837
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com