Electronic Components Datasheet Search
  English  ▼

X  

ISO1044BDR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO1044BDR.B
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044BDR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO1044BDR.B Datasheet HTML 18Page - Texas Instruments ISO1044BDR.B Datasheet HTML 19Page - Texas Instruments ISO1044BDR.B Datasheet HTML 20Page - Texas Instruments ISO1044BDR.B Datasheet HTML 21Page - Texas Instruments ISO1044BDR.B Datasheet HTML 22Page - Texas Instruments ISO1044BDR.B Datasheet HTML 23Page - Texas Instruments ISO1044BDR.B Datasheet HTML 24Page - Texas Instruments ISO1044BDR.B Datasheet HTML 25Page - Texas Instruments ISO1044BDR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
8.4 Device Functional Modes
Table 8-2 and Table 8-3 list the driver and receiver functions. Table 8-4 lists the functional modes for the
ISO1044B device.
Table 8-2. Driver Function Table
INPUT
OUTPUTS
DRIVEN BUS STATE
TXD(1)
CANH(1)
CANL(1)
L
H
L
Dominant
H
Z
Z
Recessive
(1)
H = high level, L = low level, Z = common mode (recessive) bias to VCC / 2. See Figure 8-1 and
Figure 8-2 for bus state and common mode bias information.
Table 8-3. Receiver Function Table
DEVICE MODE
CAN DIFFERENTIAL INPUTS
VID = VCANH – VCANL (3)
BUS STATE
RXD PIN(1)
Normal
VID ≥ VIT(MAX)
Dominant
L
VIT(MIN) < VID < VIT(MAX)
Undefined
Undefined
VID ≤ VIT(MIN)
Recessive
H
Open (VID ≈ 0 V)
Open
H
(1)
H = high level, L = low level
Table 8-4. Function Table
DRIVER(1)
RECEIVER
INPUTS
OUTPUTS
BUS STATE
DIFFERENTIAL INPUTS
VID = CANH–CANL(3)
OUTPUT
RXD
BUS STATE
TXD
CANH
CANL
L(2)
H
L
DOMINANT
VID ≥ VIT(MAX)
L
DOMINANT
H
Z
Z
RECESSIVE
VIT(MIN) < VID < VIT(MAX)
Undefined
Undefined
Open
Z
Z
RECESSIVE
VID ≤ VIT(MIN)
H
RECESSIVE
X if VCC1 supply
< UVVCC1
Z
Z
RECESSIVE
Open (VID ≈ 0 V)
H
RECESSIVE
(1)
H = high level; L = low level; X = irrelevant; Z = high impedance
(2)
Logic low pulses to prevent dominant time-out.
(3)
See Receiver Electrical Characteristics section for input thresholds.
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com