Electronic Components Datasheet Search
  English  ▼

X  

ISO154X Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO154X
Description  ISO154x Low-Power Bidirectional I2C Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO154X Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO154X Datasheet HTML 5Page - Texas Instruments ISO154X Datasheet HTML 6Page - Texas Instruments ISO154X Datasheet HTML 7Page - Texas Instruments ISO154X Datasheet HTML 8Page - Texas Instruments ISO154X Datasheet HTML 9Page - Texas Instruments ISO154X Datasheet HTML 10Page - Texas Instruments ISO154X Datasheet HTML 11Page - Texas Instruments ISO154X Datasheet HTML 12Page - Texas Instruments ISO154X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
Certified according to DIN EN IEC
60747-17 (VDE 0884-17) and DIN
EN 61010-1 (VDE 0411-1)
Certified according to CSA/IEC
62368-1
Recognized under UL
1577 Component Recognition
Program
Certified according to
GB4943.1-2011
Basic Insulation
Maximum Transient Overvoltage,
4242 VPK;
Maximum Repetitive Peak Voltage,
566 VPK
2.5-kVRMS Insulation Rating;
300 VRMS Basic Insulation
working voltage per CSA
62368-1-14 and IEC
62368-1:2014
Single protection, 2500 VRMS
Basic Insulation, Altitude ≤ 5000
m, Tropical Climate, 250 VRMS
maximum working voltage
Certificate number: 40047657
Master contract number: 220991 File number: E181974
Certificate number:
CQC14001109540
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply
current
RθJA = 114.6°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 6-1
198
mA
RθJA = 114.6°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 6-1
303
TS
Safety temperature
150
°C
The safety-limiting constraint is the maximum junction temperature specified in the data sheet. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Section 6.4 table is that of a
device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.
www.ti.com
ISO1540, ISO1541
SLLSEB6F – JULY 2012 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com