Electronic Components Datasheet Search
  English  ▼

X  

ISO6720B Datasheet(PDF) 39 Page - Texas Instruments

Part # ISO6720B
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6720B Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO6720B Datasheet HTML 35Page - Texas Instruments ISO6720B Datasheet HTML 36Page - Texas Instruments ISO6720B Datasheet HTML 37Page - Texas Instruments ISO6720B Datasheet HTML 38Page - Texas Instruments ISO6720B Datasheet HTML 39Page - Texas Instruments ISO6720B Datasheet HTML 40Page - Texas Instruments ISO6720B Datasheet HTML 41Page - Texas Instruments ISO6720B Datasheet HTML 42Page - Texas Instruments ISO6720B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.0028 MAX
[0.07]
ALL AROUND
.0028 MIN
[0.07]
ALL AROUND
(.213)
[5.4]
6X (.050 )
[1.27]
(.217)
[5.5]
8X (.061 )
[1.55]
8X (.024)
[0.6]
(R.002 ) TYP
[0.05]
8X (.055)
[1.4]
8X (.024)
[0.6]
6X (.050 )
[1.27]
(R.002 )
[0.05]
TYP
SOIC - 1.75 mm max height
D0008B
SMALL OUTLINE INTEGRATED CIRCUIT
4221445/C 02/2019
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSDE
METAL
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE:6X
SYMM
1
4
5
8
SEE
DETAILS
IPC-7351 NOMINAL
.150 [3.85] CLEARANCE / CREEPAGE
SYMM
HV / ISOLATION OPTION
.162 [4.1] CLEARANCE / CREEPAGE
SYMM
1
4
5
8
SEE
DETAILS
SYMM
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com