Electronic Components Datasheet Search
  English  ▼

X  

ISO7730FDBQR Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO7730FDBQR
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730FDBQR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO7730FDBQR Datasheet HTML 25Page - Texas Instruments ISO7730FDBQR Datasheet HTML 26Page - Texas Instruments ISO7730FDBQR Datasheet HTML 27Page - Texas Instruments ISO7730FDBQR Datasheet HTML 28Page - Texas Instruments ISO7730FDBQR Datasheet HTML 29Page - Texas Instruments ISO7730FDBQR Datasheet HTML 30Page - Texas Instruments ISO7730FDBQR Datasheet HTML 31Page - Texas Instruments ISO7730FDBQR Datasheet HTML 32Page - Texas Instruments ISO7730FDBQR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
8.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
2.25 to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
8.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO773x family of devices only requires two external bypass capacitors to operate. Figure 8-2 and Figure 8-3
show the typical circuit hook-up for the devices.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTA
OUTB
OUTC
GND2
VCC2
2mm maximum
from VCC2
EN
GND2
NC
GND1
2mm maximum
from VCC1
GND1
VCC1
0.1µF
0.1µF
NC
NC
Figure 8-2. Typical ISO7730 Circuit Hook-Up
www.ti.com
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com