Electronic Components Datasheet Search
  English  ▼

X  

ISO7421D Datasheet(PDF) 17 Page - Texas Instruments

Part # ISO7421D
Description  ISO742x Low-Power Dual-Channel Digital Isolators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421D Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7421D Datasheet HTML 13Page - Texas Instruments ISO7421D Datasheet HTML 14Page - Texas Instruments ISO7421D Datasheet HTML 15Page - Texas Instruments ISO7421D Datasheet HTML 16Page - Texas Instruments ISO7421D Datasheet HTML 17Page - Texas Instruments ISO7421D Datasheet HTML 18Page - Texas Instruments ISO7421D Datasheet HTML 19Page - Texas Instruments ISO7421D Datasheet HTML 20Page - Texas Instruments ISO7421D Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
IN
1 MW
500 W
VCCI
VCCI
VCCI
OUT
8 W
13 W
Output
VCCO
Input
ISO7420, ISO7420M, ISO7421
www.ti.com
SLLS984I – JUNE 2009 – REVISED JULY 2015
8.3.4 Regulatory Information
VDE
CSA
UL
CQC
Certified according to
DIN V VDE V 0884-10 (VDE V
Recognized under UL1577
Approved under CSA Component
Certified according to
0884-10):2006-12 and
Component Recognition
Acceptance Notice #5A
GB4943.1-2011
DIN EN 61010-1 (VDE 0411-1):
Program(1)
2011-07
Basic Insulation
Basic insulation per CSA 60950-1-
Basic Insulation, Altitude
≤
Maximum Transient Overvoltage,
07 and IEC 60950-1 (2nd Ed),
5000 m, Tropical Climate, 250
4242 VPK
Single Protection, 2500 VRMS
VRMS maximum working
390 VRMS maximum working
Maximum Working Voltage, 566
voltage
voltage
VPK
Certificate number:
Certificate number: 40016131
Master contract number: 220991
File number: E181974
CQC14001109540
(1)
Production tested
≥ 3000 VRMS for 1 second in accordance with UL 1577.
8.4 Device Functional Modes
Table 2. Function Table(1)
INPUT
OUTPUT
VCCI
VCCO
INA, INB
OUTA, OUTB
H
H
PU
PU
L
L
Open
H(2)
PD
PU
X
H(2)
X
PD
X
Undetermined
(1)
VCCI = Input-side power supply; VCCO = Output-side power supply;
PU = Powered up (VCC ≥ 3.15 V); PD = Powered down (VCC ≤ 2.1
V); X = Irrelevant; H = High level; L = Low level
(2)
In fail-safe condition, output defaults to high level.
8.4.1 Device I/O Schematics
Figure 11. Device I/O Schematics
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ISO7420 ISO7420M ISO7421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com