Electronic Components Datasheet Search
  English  ▼

X  

ISO7730FDWR.A Datasheet(PDF) 47 Page - Texas Instruments

Part # ISO7730FDWR.A
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730FDWR.A Datasheet(HTML) 47 Page - Texas Instruments

Back Button ISO7730FDWR.A Datasheet HTML 42Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 43Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 44Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 45Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 46Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 47Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 48Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 49Page - Texas Instruments ISO7730FDWR.A Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
-.244
.228
-6.19
5.80
[
]
.069 MAX
[1.75]
14X .0250
[0.635]
16X
-.012
.008
-0.30
0.21
[
]
2X
.175
[4.45]
TYP
-.010
.005
-0.25
0.13
[
]
0 - 8
-.010
.004
-0.25
0.11
[
]
(.041 )
[1.04]
.010
[0.25]
GAGE PLANE
-.035
.016
-0.88
0.41
[
]
A
NOTE 3
-.197
.189
-5.00
4.81
[
]
B
NOTE 4
-.157
.150
-3.98
3.81
[
]
SSOP - 1.75 mm max height
DBQ0016A
SHRINK SMALL-OUTLINE PACKAGE
4214846/A 03/2014
NOTES:
1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches.
Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed .006 inch, per side.
4. This dimension does not include interlead flash.
5. Reference JEDEC registration MO-137, variation AB.
1
16
.007 [0.17]
C A
B
9
8
PIN 1 ID AREA
SEATING PLANE
.004 [0.1] C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com