Electronic Components Datasheet Search
  English  ▼

X  

ISO1432DWR Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO1432DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1432DWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO1432DWR Datasheet HTML 1Page - Texas Instruments ISO1432DWR Datasheet HTML 2Page - Texas Instruments ISO1432DWR Datasheet HTML 3Page - Texas Instruments ISO1432DWR Datasheet HTML 4Page - Texas Instruments ISO1432DWR Datasheet HTML 5Page - Texas Instruments ISO1432DWR Datasheet HTML 6Page - Texas Instruments ISO1432DWR Datasheet HTML 7Page - Texas Instruments ISO1432DWR Datasheet HTML 8Page - Texas Instruments ISO1432DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Description Continued.................................................... 2
5 Device Comparison Table...............................................2
6 Pin Configuration and Functions...................................3
Pin Functions: Full-Duplex Device.................................... 3
Pin Functions: Half-Duplex Device................................... 4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................6
7.4 Thermal Information....................................................6
7.5 Power Ratings.............................................................6
7.6 Insulation Specifications............................................. 7
7.7 Safety-Related Certifications...................................... 8
7.8 Safety Limiting Values.................................................8
7.9 Electrical Characteristics: Driver................................. 9
7.10 Electrical Characteristics: Receiver........................ 10
7.11 Supply Current Characteristics: Side 1 (ICC1)..........11
7.12 Supply Current Characteristics: Side 2 (ICC2)......... 12
7.13 Switching Characteristics: Driver............................ 13
7.14 Switching Characteristics: Receiver........................14
7.15 Insulation Characteristics Curves........................... 14
7.16 Typical Characteristics............................................ 15
8 Parameter Measurement Information.......................... 21
9 Detailed Description......................................................24
9.1 Overview................................................................... 24
9.2 Functional Block Diagram......................................... 24
9.3 Feature Description...................................................25
9.4 Device Functional Modes..........................................26
10 Application and Implementation................................ 29
10.1 Application Information........................................... 29
10.2 Typical Application.................................................. 30
11 Power Supply Recommendations..............................33
12 Layout...........................................................................34
12.1 Layout Guidelines................................................... 34
12.2 Layout Example...................................................... 34
13 Device and Documentation Support..........................36
13.1 Documentation Support.......................................... 36
13.2 Receiving Notification of Documentation Updates..36
13.3 Support Resources................................................. 36
13.4 Trademarks.............................................................36
13.5 Electrostatic Discharge Caution..............................36
13.6 Glossary..................................................................37
14 Revision History.......................................................... 37
15 Mechanical, Packaging, and Orderable
Information.................................................................... 38
4 Description Continued
These devices are used for long distance communications. Isolation breaks the ground loop between the
communicating nodes, allowing for a much larger common mode voltage range. The symmetrical isolation
barrier of each device is tested to provide 5000VRMS of isolation for 1 minute per UL 1577 between the bus-line
transceiver and the logic-level interface.
The ISO14xx devices can operate from 1.71V to 5.5V on side 1 which lets the devices be interfaced with
low voltage FPGAs and ASICs. The wide supply voltage on side 2 from 3V to 5.5V eliminates the need for
a regulated supply voltage on the isolated side. These devices support a wide operating ambient temperature
range from –40°C to 125°C.
5 Device Comparison Table
The following table shows an overview of the options available for this family of devices.
Device
ISOLATION
DUPLEX
DATA RATE
PACKAGE
ISO1410, ISO1410B
Reinforced, Basic
Half
500Kbps
16-pin DW
ISO1412, ISO1412B
Full
500Kbps
16-pin DW
ISO1430, ISO1430B
Half
12Mbps
16-pin DW
ISO1432, ISO1432B
Full
12Mbps
16-pin DW
ISO1450, ISO1450B
Half
50Mbps
16-pin DW
ISO1452, ISO1452B
Full
50Mbps
16-pin DW
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com