Electronic Components Datasheet Search
  English  ▼

X  

JVPN-ES Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # JVPN-ES
Description  Junos VPN Site Secure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JVPN-ES Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  JVPN-ES Datasheet HTML 1Page - Juniper Networks, Inc. JVPN-ES Datasheet HTML 2Page - Juniper Networks, Inc. JVPN-ES Datasheet HTML 3Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
1
Product Overview
Junos VPN Site Secure uses a
variety of standard encryption
techniques to secure network
communications between the
customer premises and the
network edge. This adds security
to traffic over L3 VPNs, and it
enhances end-user security.
Choose between Site-to-site VPN
or Group VPN, depending upon
your implementation.
• Choice of Site-to-site or Group
VPN design
• Use of industry standard proven
cryptography
• Any to any secure
communication
• Simplify management of
secure branch-to-branch
communication
• Secure encryption for site-to-
site, private IP or MPLS networks
• Encrypt all WAN traffic, meeting
security compliance and internal
governance
• Group VPN maintains full-mesh
connectivity and routing paths,
without the management and
performance cost of a full mesh
network.
Product Description
Juniper Networks® Junos® VPN Site Secure implements IPsec encryption using Advanced
Encryption Standard (AES), Data Encryption Standard (DES), and triple Data Encryption
Standard (3DES). With Junos VPN Site Secure, enterprises can provide IPsec encryption
to enhance data security. Providers can offer IPsec encryption of access links from the
customer premises device to the provider edge router, charging a premium for secure
access to the network. The packets can then be securely forwarded or mapped into Layer 3
VPNs for transport across the provider network.
This application is particularly useful when offering a service to a customer whose access
links are provisioned by a third-party provider. For the most concerned customers, providers
can also offer IPsec encryption of unicast or multicast traffic over L3 VPNs for an added
layer of security. IPsec may also be used to encrypt backhaul traffic by setting up encrypted
tunnels across untrusted third-party wholesale networks.
Juniper Networks Group VPN is a different way to provide secure, any-to-any VPN
connectivity between branch offices and anywhere within your network. Group VPN
simplifies the management issue brought on by growing networks while improving
performance for bandwidth heavy applications.
Architecture and Key Components
MX Series Portfolio
Juniper Networks MX Series 3D Universal Edge Routers are industry-leading Ethernet
services routers for carrier Ethernet capacity, density, and performance. Optimized for
emerging Ethernet network architectures and services, the MX Series is purpose-built for
the most demanding carrier and enterprise applications. It leverages Juniper Networks
Junos operating system to enable carriers and enterprises to seamlessly and cost-
effectively deploy Ethernet and accelerate their next-generation network deployments.
By combining a best-in-class hardware platform with the reliability and service flexibility
of Junos OS, the MX Series delivers a combination of features and capabilities previously
unattainable in carrier Ethernet deployments.
Multiservices Cards (MS-MPC, MS-MIC)
MS-MPCs and MS-MICs are next-generation, advanced service modules for Juniper
Networks® MX Series 3D Universal Edge Routers. They deliver the performance, services,
and scalability that are critical to today’s advanced Ethernet services edge and broadband
edge networks. MS-MPCs are full slot modules that supply hardware acceleration for an
array of packet processing-intensive services for the MX2020, MX2010, MX960, MX480,
and MX240 3D Universal Edge Routers. The MS-MIC is based on Juniper’s MIC card
hardware form and can be inserted in the MX5, MX10, MX40, and MX80 3D Universal Edge
Routers, as well as the MPC1, MPC2, and MPC3 cards.
Junos VPN Site Secure
Including Site-to-site and Group VPN
Your ideas. Connected.™


Similar Description - JVPN-ES

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX93040 CONEXANT-CX93040 Datasheet
683Kb / 2P
Remote Site Management
logo
Axiomtek Co., Ltd.
NA-820 AXIOMTEK-NA-820 Datasheet
147Kb / 1P
Suitable for VPN
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
Test Site Transfer
logo
Axiomtek Co., Ltd.
IFW320 AXIOMTEK-IFW320_16 Datasheet
226Kb / 2P
Secure connection: VPN, SSL VPN, WAN connection checking
logo
ORing Industrial Networ...
IGR-20 ORING-IGR-20 Datasheet
311Kb / 4P
Industrial VPN Router
logo
PHOENIX CONTACT
2702579 PHOENIX-2702579 Datasheet
184Kb / 4P
MGUARD SECURE VPN CLIENT
logo
Moxa Inc.
EDR-810 MOXA-EDR-810 Datasheet
879Kb / 7P
82G multiport industrial secure router with switch/firewall/NAT/VPN
EDR-G902 MOXA-EDR-G902 Datasheet
966Kb / 6P
Industrial secure routers with firewall/NAT/VPN
EDR-G903 MOXA-EDR-G903 Datasheet
1Mb / 6P
Industrial secure routers with firewall/NAT/VPN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com