Electronic Components Datasheet Search
  English  ▼

X  

TDA7569BLV Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7569BLV
Description  4 x 50 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BLV Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7569BLV Datasheet HTML 1Page - STMicroelectronics TDA7569BLV Datasheet HTML 2Page - STMicroelectronics TDA7569BLV Datasheet HTML 3Page - STMicroelectronics TDA7569BLV Datasheet HTML 4Page - STMicroelectronics TDA7569BLV Datasheet HTML 5Page - STMicroelectronics TDA7569BLV Datasheet HTML 6Page - STMicroelectronics TDA7569BLV Datasheet HTML 7Page - STMicroelectronics TDA7569BLV Datasheet HTML 8Page - STMicroelectronics TDA7569BLV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
This is information on a product in full production.
September 2014
DocID023498 Rev 9
1/41
TDA7569BLV
4 x 50 W power amplifier with full I2C diagnostics,
high efficiency and low voltage operation
Datasheet
- production data
Features
 Multipower BCD technology
 MOSFET output power stage
 DMOS power output
 Class SB high efficiency
 High output power capability 4x28 W/4 Ω @
14.4 V, 1 kHz, 10% THD, 4 x 45 W max power
 Max power 4 x 72 W / 2 
 Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB /16 dB (for low noise
line output function)
– High efficiency enable/disable
–I2C bus digital diagnostics (including DC
bus AC load detection)
 Full fault protection
 DC offset detection
 Four independent short circuit protection
 Clipping detector pin with selectable threshold
(2 %/10 %)
 Standby/mute pin
 Linear thermal shutdown with multiple thermal
warning
 ESD protection
 Very robust against misconnections
 Improved SVR suppression during battery
transients
 Capable to operate down to 6 V (e.g. “Start-
stop”)
Description
The TDA7569BLV is the most advanced BCD
technology quad bridge car radio amplifier of his
family, including a wide range of innovative
features.
The TDA7569BLV is equipped with the most
complete diagnostics array that communicates
the status of each speaker through the I2C bus.
The dissipated output power under average
listening condition is significantly reduced when
compared to the conventional class AB solutions,
thanks to the patented solution. Moreover it has
been designed to be very robust against several
kinds of misconnections.
It is moreover compliant to the most recent OEM
specifications for low voltage operation (so called
'start-stop' battery profile during engine stop and
re-start), helping car manufacturers to reduce the
overall emissions and thus contributing to
environment protection.
PowerSO36
Flexiwatt27 (Vert.)
Flexiwatt27 (SMD)
Flexiwatt27 (Horiz.)
Figure 1. Device summary
Order code
Package
Packing
TDA7569BLVSM
Flexiwatt27
(SMD)
Tube
TDA7569BLVSMTR
Tape and reel
TDA7569BLV
Flexiwatt27
(vertical)
Tube
TDA7569BLVH
Flexiwatt27
(horizontal)
Tube
TDA7569BLVPD
PowerSO36
Tube
TDA7569BLVPDTR
Tape and reel
www.st.com


Similar Part No. - TDA7569BLV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA7569BLV ETC2-TDA7569BLV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results

Similar Description - TDA7569BLV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
STPA003 STMICROELECTRONICS-STPA003 Datasheet
455Kb / 25P
4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
21-Jan-2020
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7577BLV STMICROELECTRONICS-TDA7577BLV Datasheet
816Kb / 43P
2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
13-Jan-2015
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com