Electronic Components Datasheet Search
  English  ▼

X  

TDA7801PDTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7801PDTR
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PDTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7801PDTR Datasheet HTML 6Page - STMicroelectronics TDA7801PDTR Datasheet HTML 7Page - STMicroelectronics TDA7801PDTR Datasheet HTML 8Page - STMicroelectronics TDA7801PDTR Datasheet HTML 9Page - STMicroelectronics TDA7801PDTR Datasheet HTML 10Page - STMicroelectronics TDA7801PDTR Datasheet HTML 11Page - STMicroelectronics TDA7801PDTR Datasheet HTML 12Page - STMicroelectronics TDA7801PDTR Datasheet HTML 13Page - STMicroelectronics TDA7801PDTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Application diagrams
TDA7801
10/48
DocID022674 Rev 4
Table 2. Flexiwatt27 (vertical/SMD/horizontal) pin description
N°
Pin
Function
1
TAB
TAB connection (GND)
2
Pll-filter / ENABLE Pll loop filter / ENABLE
3
PW_GND
Power ground channel 2
4
OUT 2- / LR-
Channel 2 (Left Rear) negative output
5
WS
Word select (I2S bus, logic input)
6
OUT 2+ / LR+
Channel 2 (Left Rear) positive output
7
Vcc
Channel 1 and 2 positive supply
8
OUT 1- / LF-
Channel 1 (Left Front) negative output
9
PW_GND
Power ground channel 1
10
OUT 1+ / LF+
Channel 1 (Left Front) positive output
11
SCK
Serial clock (I2S bus, logic input)
12
SD2_4
Serial data channels 2 and 4 (I2S bus, logic input)
13
SD1_3
Serial data channels 1 and 3 (I2S bus, logic input)
14
Dgnd
Digital ground
15
Agnd
Analog ground
16
D3V
Digital 3.3 V supply filter
17
A3V
Analog 3.3 V supply filter
18
OUT3+ / RF+
Channel 3 (right front) positive output
19
PW_GND
Power ground channel 3
20
OUT3- / RF-
Channel 3 (right front) negative output
21
Vcc
Channels 3 and 4 positive supply
22
OUT4+ / RR+
Channel 4 (right rear) positive output
23
CD/DIAG
Clip detector and diagnostic output:
– Overcurrent protection intervention
– Thermal warning
–POR
– (Open drain output)
24
OUT4- / RR-
Channel 4 (right rear) negative output
25
PW_GND
Power ground channel 4
26
I2C Data
I2C data/legacy mode mute
27
I2C Clock
I2C clock/enable legacy mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com