Electronic Components Datasheet Search
  English  ▼

X  

TDA7850 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7850
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7850 Datasheet HTML 1Page - STMicroelectronics TDA7850 Datasheet HTML 2Page - STMicroelectronics TDA7850 Datasheet HTML 3Page - STMicroelectronics TDA7850 Datasheet HTML 4Page - STMicroelectronics TDA7850 Datasheet HTML 5Page - STMicroelectronics TDA7850 Datasheet HTML 6Page - STMicroelectronics TDA7850 Datasheet HTML 7Page - STMicroelectronics TDA7850 Datasheet HTML 8Page - STMicroelectronics TDA7850 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TDA7850
Block diagram and application circuit
5/18
1
Block diagram and application circuit
1.1
Block diagram
Figure 1.
Block diagram
1.2
Standard test and application circuit
Figure 2.
Standard test and application circuit
IN1
0.1
μF
MUTE
ST-BY
IN2
0.1
μF
OUT1+
OUT1-
OUT2+
OUT2-
PW-GND
IN3
0.1
μF
IN4
0.1
μF
OUT3+
OUT3-
OUT4+
OUT4-
PW-GND
PW-GND
PW-GND
D94AU158D
AC-GND
0.47
μF47μF
SVR
TAB
S-GND
Vcc1
Vcc2
100nF
470
μF
HSD/VOFF_DET
HSD
IN1
0.1
μF
C9
1
μF
IN2
C2 0.1
μF
OUT1
OUT2
IN3
C3 0.1
μF
IN4
C4 0.1
μF
OUT3
OUT4
D95AU335C
C5
0.47
μF
C6
47
μF
SVR
TAB
Vcc1-2
Vcc3-4
C8
0.1
μF
C7
2200
μF
C10
1
μF
ST-BY
R1
10K
R3
*)
R2
47K
MUTE
C1
14
15
12
11
22
4
13
S-GND
16
10
25
1
HSD/OD
620
9
8
7
5
2
3
17
18
19
21
24
23
*) R3 = 10k
Ω to be placed when pin 25 is used as offset detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com