Electronic Components Datasheet Search
  English  ▼

X  

TDA7801SM Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7801SM
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801SM Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7801SM Datasheet HTML 25Page - STMicroelectronics TDA7801SM Datasheet HTML 26Page - STMicroelectronics TDA7801SM Datasheet HTML 27Page - STMicroelectronics TDA7801SM Datasheet HTML 28Page - STMicroelectronics TDA7801SM Datasheet HTML 29Page - STMicroelectronics TDA7801SM Datasheet HTML 30Page - STMicroelectronics TDA7801SM Datasheet HTML 31Page - STMicroelectronics TDA7801SM Datasheet HTML 32Page - STMicroelectronics TDA7801SM Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
DocID022674 Rev 4
29/48
TDA7801
Functional description
6.11
Under-voltage threshold
6.11.1
Supply voltage auto-mute threshold
The device in play-mode is put in mute when the supply voltage gets lower than the VAM
threshold.
When the supply voltage gets lower than the VAM threshold the device is put in mute. The
muting strategy in this case is reported in Figure 33: once the supply voltage Vs becomes
lower than VAM_HIGH, analog mute and digital mute are activated. The analog mute
attenuation is proportional to the Vs voltage and becomes equal to AM when the Vs gets
lower than VAM_LOW. Note that once the digital mute procedure is started, it cannot be
stopped to move back the device in play, the procedure is going on until the attenuation
level has reached AM. This mechanism avoids that a fast oscillation on Vs cause a similar
oscillation on the output.
Figure 33. Low voltage mute attenuation, supply voltage variation (Vs); result digital
attenuation (At)
6.11.2
Digital mute disabling
The digital mute is disabled in the following conditions:
when TW1 threshold is trespassed (to avoid simultaneous intervention of digital mute
and thermal mute)
when the bit IB3-D5 is set to '1'
during the start-up diagnostic
When the digital mute is disabled, the analog mute is kept active.
6.11.3
Power-on reset threshold
When the ENABLE pin is low or the supply voltage value doesn't guarantee the integrity of
The I2C bus registers (VPOWERONRESET) the TDA7801 is put in tristate-mode and the
registers are set to the initial state. The event is signalled by the low value of DIAG pin and
the '0' value of bit D7 of byte DB0. The DIAG pin is set to high after a POR when the bit D7
of byte IB1 is set to '1' (amplifier mode on) if no other event on DIAG pin is present. The
same I2C bus write operation automatically set to '1' the bit D7 of byte DB0. When the
device is programmed with the D7=1 of IB0 and D7=1 of byte IB1 the device turns-on after a
diagnostic cycle and the DIAG pin stays low for the whole duration of the diagnostic cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com