Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5FTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # VNF9D5FTR
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5FTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VNF9D5FTR Datasheet HTML 41Page - STMicroelectronics VNF9D5FTR Datasheet HTML 42Page - STMicroelectronics VNF9D5FTR Datasheet HTML 43Page - STMicroelectronics VNF9D5FTR Datasheet HTML 44Page - STMicroelectronics VNF9D5FTR Datasheet HTML 45Page - STMicroelectronics VNF9D5FTR Datasheet HTML 46Page - STMicroelectronics VNF9D5FTR Datasheet HTML 47Page - STMicroelectronics VNF9D5FTR Datasheet HTML 48Page - STMicroelectronics VNF9D5FTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
ADCxSR
Digital current sense registers channels 0 to 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
R
-
R
Address:
0x28h to 0x29h
Type:
R
Reset:
0
Description:
Digital current sense registers channels 0 to 1
[15:14]
-
[13:4]
10-bit register containing the digital value of OUTPUTx current
[3]
-
[2]
SOCR Bit controls output state of channel x:
1 – output Enabled
0 – output disabled
[1]
Updated status bit.
This bit is set when value is updated and cleared when register is read
[0]
Parity bit
Note:
The register contains the digital value of the current flowing on the selected channel. It reports the result of the
digital current conversion. It is updated according to the selected modes (set by SPCR1 and SPCR0 bits) of the
OUTCFGRx register.
VNF9D5F
SPI functional description
DS13946 - Rev 8
page 45/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com