Electronic Components Datasheet Search
  English  ▼

X  

VNH2SP30-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNH2SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 5Page - STMicroelectronics VNH2SP30-E Datasheet HTML 6Page - STMicroelectronics VNH2SP30-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics VNH2SP30-E Datasheet HTML 10Page - STMicroelectronics VNH2SP30-E Datasheet HTML 11Page - STMicroelectronics VNH2SP30-E Datasheet HTML 12Page - STMicroelectronics VNH2SP30-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID10832 Rev 10
9/35
VNH2SP30-E
Electrical specifications
34
2.2
Electrical characteristics
VCC = 9V up to 16 V; -40°C < TJ < 150°C, unless otherwise specified.
Table 6. Power section
Symbol
Parameter
Test conditions
Min Typ Max Unit
VCC
Operating supply
voltage
5.5
16
V
IS
Supply current
Off state with all Fault Cleared & ENx=0
INA = INB = PWM = 0; Tj = 25°C; VCC = 13V
INA = INB = PWM = 0
Off state: INA = INB = PWM = 0
12
2
30
60
µA
µA
mA
On state:
INA or INB = 5V, no PWM
10
mA
RONHS
Static high side
resistance
IOUT = 15A; Tj = 25°C
14
m
IOUT = 15A; Tj = -40 to 150°C
28
RONLS
Static low side
resistance
IOUT = 15A; Tj = 25°C
5
IOUT = 15A; Tj = -40 to 150°C
10
Vf
High side free-
wheeling diode
forward voltage
If = 15A
0.8
1.1
V
IL(off)
High side off state
output current
(per channel)
Tj = 25°C; VOUTX = ENX = 0V; VCC = 13V
3
µA
Tj = 125°C; VOUTX = ENX = 0V; VCC = 13V
5
IRM
Dynamic cross-
conduction current
IOUT = 15A (see Figure 7)0.7
A
Table 7. Logic inputs (INA, INB, ENA, ENB)
Symbol
Parameter
Test conditions
Min Typ Max Unit
VIL
Input low level voltage
Normal operation (DIAGX/ENX pin acts
as an input pin)
1.25
V
VIH
Input high level voltage
3.25
VIHYST Input hysteresis voltage
0.5
VICL
Input clamp voltage
IIN = 1mA
5.5
6.3
7.5
IIN = -1mA
-1.0 -0.7 -0.3
IINL
Input low current
VIN = 1.25V
1
µA
IINH
Input high current
VIN = 3.25V
10
VDIAG
Enable output low level
voltage
Fault operation (DIAGX/ENX pin acts as
an output pin); IEN = 1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com