Electronic Components Datasheet Search
  English  ▼

X  

PESDXV4UG Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PESDXV4UG
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXV4UG Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PESDXV4UG Datasheet HTML 7Page - NXP Semiconductors PESDXV4UG Datasheet HTML 8Page - NXP Semiconductors PESDXV4UG Datasheet HTML 9Page - NXP Semiconductors PESDXV4UG Datasheet HTML 10Page - NXP Semiconductors PESDXV4UG Datasheet HTML 11Page - NXP Semiconductors PESDXV4UG Datasheet HTML 12Page - NXP Semiconductors PESDXV4UG Datasheet HTML 13Page - NXP Semiconductors PESDXV4UG Datasheet HTML 14Page - NXP Semiconductors PESDXV4UG Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PESDXV4UF_G_W_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 January 2008
11 of 16
NXP Semiconductors
PESDxV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
T1: normal taping
[3]
T4: 90
° rotated reverse taping
[4]
T2: reverse taping
10. Soldering
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
4000
5000
8000
10000
PESD3V3V4UF
SOT886
4 mm pitch, 8 mm tape and reel; T1
[2] -
-
-115
-
-
4 mm pitch, 8 mm tape and reel; T4
[3] -
-
-132
-
-
PESD5V0V4UF
SOT886
4 mm pitch, 8 mm tape and reel; T1
[2] -
-
-115
-
-
4 mm pitch, 8 mm tape and reel; T4
[3] -
-
-132
-
-
PESD3V3V4UG
SOT353
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[4] -125
-
-
-
-165
PESD5V0V4UG
SOT353
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[4] -125
-
-
-
-165
PESD3V3V4UW
SOT665
2 mm pitch, 8 mm tape and reel
-
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
-
PESD5V0V4UW
SOT665
2 mm pitch, 8 mm tape and reel
-
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
-
Reflow soldering is the only recommended soldering method.
Fig 13. Reflow soldering footprint PESDxV4UF (SOT886)
sot886_fr
solder lands
occupied area
solder paste
Dimensions in mm
0.425
(6
×)
1.250
0.675
1.700
0.325
(6
×)
0.270
(6
×)
0.370
(6
×)
0.500
0.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com