Electronic Components Datasheet Search
  English  ▼

X  

DP83867IRRGZ Datasheet(PDF) 39 Page - Texas Instruments

Part # DP83867IRRGZ
Description  DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867IRRGZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83867IRRGZ Datasheet HTML 35Page - Texas Instruments DP83867IRRGZ Datasheet HTML 36Page - Texas Instruments DP83867IRRGZ Datasheet HTML 37Page - Texas Instruments DP83867IRRGZ Datasheet HTML 38Page - Texas Instruments DP83867IRRGZ Datasheet HTML 39Page - Texas Instruments DP83867IRRGZ Datasheet HTML 40Page - Texas Instruments DP83867IRRGZ Datasheet HTML 41Page - Texas Instruments DP83867IRRGZ Datasheet HTML 42Page - Texas Instruments DP83867IRRGZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 139 page
background image
7.4.3.8 Auto-Negotiation Complete Time
Parallel detection and Auto-Negotiation typically take 2-3 seconds to complete. In addition, Auto-Negotiation with
next page exchange takes approximately 2-3 seconds to complete, depending on the number of next pages
exchanged. Refer to Clause 28 of the IEEE 802.3 standard for a full description of the individual timers related to
Auto-Negotiation
7.4.3.9 Auto-MDIX Resolution
The DP83867 can determine if a straight or crossover cable is used to connect to the link partner. The
PHY can automatically re-assign channel A and B to establish link with the link partner, (and channel C and
D in 1000BASE-T mode). Auto-MDIX resolution precedes the actual Auto-Negotiation process that involves
exchange of FLPs to advertise capabilities. Automatic MDI/MDIX is described in IEEE 802.3 Clause 40, section
40.8.2. There is no required implementation for 10BASE-Te and 100BASE-TX. DP83867 devices manufactured
after August, 2022, have an increased random seed value that now includes 255 different seed values to
expedite Auto-MDIX resolution with a link partner.
For 10/100, Auto-MDIX is independent of Auto-Negotiation. Auto-MDIX works in both Auto-Negotiation mode
and manual forced speed mode.
7.4.4 Loopback Mode
There are several options for Loopback that test and verify various functional blocks within the PHY. Enabling
loopback mode allows in-circuit testing of the digital and analog data paths. Generally, the DP83867 can
be configured to one of the Near-end loopback modes or to the Far-end (reverse) loopback. MII Loopback
is configured using the BMCR (register address 0x0000). All other loopback modes are enabled using the
BISCR (register address 0x16). Except where otherwise noted, loopback modes are supported for all speeds
(10/100/1000) and all MAC interfaces (RGMII and GMII).
MAC
MII
Loopback
Digital
Loopback
PCS
Loopback
Analog
Loopback
External
Loopback
Reverse
Loopback
Figure 7-11. Loopbacks
The availability of Loopback depends on the operational mode of the PHY. The Link Status in these loopback
modes is also affected by the operational mode. Table 7-3 lists out the availability of Loopback Modes and
corresponding Link Status indication.
Table 7-3. Loopback Availability
LOOPBACK
MODE
MAC INTERFACE
1000M
100M
10M
AVAILABILIT
Y
LINK
STATUS
AVAILABILIT
Y
LINK
STATUS
AVAILABILIT
Y
LINK STATUS
MII
GMII/RGMII
Yes
No
Yes
No
Yes
No
PCS
GMII/RGMII
Yes
No
Yes
Yes
No
No
Digital
GMII/RGMII
Yes
Yes
Yes
Yes
Yes
Yes
Analog
GMII/RGMII
Yes
Yes
Yes
Yes
Yes
Yes
External
GMII/RGMII
No
No
Yes
Yes
Yes
Yes
www.ti.com
DP83867IR, DP83867CR
SNLS484I – FEBRUARY 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DP83867IR DP83867CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com