Electronic Components Datasheet Search
  English  ▼

X  

DRV2665RGPR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV2665RGPR
Description  DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2665RGPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV2665RGPR Datasheet HTML 1Page - Texas Instruments DRV2665RGPR Datasheet HTML 2Page - Texas Instruments DRV2665RGPR Datasheet HTML 3Page - Texas Instruments DRV2665RGPR Datasheet HTML 4Page - Texas Instruments DRV2665RGPR Datasheet HTML 5Page - Texas Instruments DRV2665RGPR Datasheet HTML 6Page - Texas Instruments DRV2665RGPR Datasheet HTML 7Page - Texas Instruments DRV2665RGPR Datasheet HTML 8Page - Texas Instruments DRV2665RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage, VDD
–0.3
6
V
Input voltage, VI
SDA, SCL, IN+, IN–, FB
–0.3
VDD + 0.3
V
Boost voltage
BST, SW, OUT+, OUT–, PVDD
–0.3
120
V
Operating free-air temperature, TA
–40
70
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM MAX
UNIT
VDD
Supply voltage
3.3
5.5
V
VBST Boost voltage
15
105
V
VIN
Differential input voltage
1.8
V
CL
Load capacitance
VBST = 105 V, Frequency = 500 Hz, VOUT = 200 VPP
50
nF
VBST = 105 V, Frequency = 300 Hz, VOUT = 200 VPP
100
VBST = 80 V, Frequency = 300 Hz, VOUT = 150 VPP
150
VBST = 55 V, Frequency = 300 Hz, VOUT = 100 VPP
330
VBST = 30 V, Frequency = 300 Hz, VOUT = 50 VPP
680
VBST = 25 V, Frequency = 300 Hz, VOUT = 40 VPP
1000
VBST = 15 V, Frequency = 300 Hz, VOUT = 20 VPP
3000
REXT Current limit control resistor
6
35
kΩ
L
Inductance for boost converter
3.3
µH
6.4 Thermal Information
THERMAL METRIC(1)
DRV2665
UNIT
RGP (QFN)
20 PINS
RθJA
Junction-to-ambient thermal resistance
32.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
30.4
°C/W
RθJB
Junction-to-board thermal resistance
8.2
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.1
°C/W
DRV2665
SLOS740C – MAY 2012 – REVISED JANUARY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DRV2665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com