Electronic Components Datasheet Search
  English  ▼

X  

DRV591 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV591
Description  3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV591 Datasheet(HTML) 2 Page - Texas Instruments

  DRV591 Datasheet HTML 1Page - Texas Instruments DRV591 Datasheet HTML 2Page - Texas Instruments DRV591 Datasheet HTML 3Page - Texas Instruments DRV591 Datasheet HTML 4Page - Texas Instruments DRV591 Datasheet HTML 5Page - Texas Instruments DRV591 Datasheet HTML 6Page - Texas Instruments DRV591 Datasheet HTML 7Page - Texas Instruments DRV591 Datasheet HTML 8Page - Texas Instruments DRV591 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DRV591
SLOS389A – NOVEMBER 2001– REVISED MAY 2002
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION
TA
PowerPAD QUAD FLATPACK
(VFP)
–40
°C to 85°C
DRV591VFP(1)
(1) This package is available taped and reeled. To order this
packaging option, add an R suffix to the part number (e.g.,
DRV591VFPR).
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
DRV591
UNIT
Supply voltage, AVDD, PVDD
–0.3 to 5.5
V
Input voltage, VI
–0.3 to VDD + 0.3
V
Output current, IO (FAULT0, FAULT1)
1
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
–40 to 85
°C
Operating junction temperature range, TJ
–40 to 150
°C
Storage temperature range, Tstg
–65 to 165
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, AVDD, PVDD
2.8
5.5
V
High-level input voltage, VIH
FREQ, INT/EXT, SHUTDOWN, COSC
2
V
Low-level input voltage, VIL
FREQ, INT/EXT, SHUTDOWN, COSC
0.8
V
Operating free-air temperature, TA
–40
85
°C
PACKAGE DISSIPATION RATINGS
PACKAGE
ΘJA(1)
(
°C/W)
ΘJC
(
°C/W)
TA = 25°C
POWER RATING
VFP
29.4
1.2
4.1 W
(1) This data was taken using 2 oz trace and copper pad that is
soldered directly to a JEDEC standard 4-layer 3 in
× 3 in PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com